| Electronic Components Datasheet Search |
|
AM3871 Datasheet(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3871 Datasheet(HTML) 38 Page - Texas Instruments |
|
38 / 345 page ![]() AM3874, AM3872, AM3871 SPRS695 – SEPTEMBER 2011 www.ti.com Table 3-4. LPDDR/DDR2/DDR3 Memory Controller 0 Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. DDR[0] On-Die Termination for Chip Select 0. IPD/DIS DDR[0]_ODT[0] G18 O The internal pulldown (IPD) is enabled for this pin when the device is DVDD_DDR[0] in reset and the IPD is disabled (DIS) when reset is released. DDR[0] On-Die Termination for Chip Select 1. IPD/DIS DDR[0]_ODT[1] H19 O The internal pulldown (IPD) is enabled for this pin when the device is DVDD_DDR[0] in reset and the IPD is disabled (DIS) when reset is released. DDR[0] Reset output IPD/DIS DDR[0]_RST G19 O The internal pulldown (IPD) is enabled for this pin when the device is DVDD_DDR[0] in reset and the IPD is disabled (DIS) when reset is released. IPU/DIS DDR[0]_BA[2] A18 O DVDD_DDR[0] DDR[0] Bank Address outputs IPU/DIS DDR[0]_BA[1] A20 O The internal pullup (IPU) is enabled for these pins when the device is DVDD_DDR[0] in reset and the IPU is disabled (DIS) when reset is released. IPU/DIS DDR[0]_BA[0] F15 O DVDD_DDR[0] IPU/DIS DDR[0]_A[14] F16 O DVDD_DDR[0] IPU/DIS DDR[0]_A[13] F17 O DVDD_DDR[0] IPU/DIS DDR[0]_A[12] E17 O DVDD_DDR[0] IPU/DIS DDR[0]_A[11] D17 O DVDD_DDR[0] IPU/DIS DDR[0]_A[10] A19 O DVDD_DDR[0] IPU/DIS DDR[0]_A[9] C15 O DVDD_DDR[0] IPU/DIS DDR[0]_A[8] B15 O DVDD_DDR[0] DDR[0] Address Bus IPU/DIS DDR[0]_A[7] E18 O The internal pullup (IPU) is enabled for these pins when the device is DVDD_DDR[0] in reset and the IPU is disabled (DIS) when reset is released. IPU/DIS DDR[0]_A[6] A15 O DVDD_DDR[0] IPU/DIS DDR[0]_A[5] B17 O DVDD_DDR[0] IPU/DIS DDR[0]_A[4] D15 O DVDD_DDR[0] IPU/DIS DDR[0]_A[3] E15 O DVDD_DDR[0] IPU/DIS DDR[0]_A[2] D18 O DVDD_DDR[0] IPU/DIS DDR[0]_A[1] F19 O DVDD_DDR[0] IPU/DIS DDR[0]_A[0] B19 O DVDD_DDR[0] 38 Device Pins Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3874 AM3872 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |