Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 99 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 95Page - Texas Instruments AM3871 Datasheet HTML 96Page - Texas Instruments AM3871 Datasheet HTML 97Page - Texas Instruments AM3871 Datasheet HTML 98Page - Texas Instruments AM3871 Datasheet HTML 99Page - Texas Instruments AM3871 Datasheet HTML 100Page - Texas Instruments AM3871 Datasheet HTML 101Page - Texas Instruments AM3871 Datasheet HTML 102Page - Texas Instruments AM3871 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 3-29. SD2 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
GP1
SD2_SCLK/
IPU
M23
O
PINCNTL121
SD2 Clock output
GP1[15]
DVDD_GPMC
DSIS: N/A
GPMC_CS[4]/
GPMC, GP1
IPU
SD2_CMD/
P25
O
PINCNTL126
SD2 Command output
DVDD_GPMC
GP1[8]
DSIS: N/A
SD2_DAT[0]/
GPMC, GP1
IPU
SD2 Data0 I/O. Functions as data bit 0 for 4-/8-bit SD
GPMC_A[4]/
L26
I/O
PINCNTL120
DVDD_GPMC
mode and single data bit for 1-bit SD mode.
GP1[14]
DSIS: PIN
SD2_DAT[1]_SDIRQ/
GMPC, GP1
IPU
SD2 Data1 I/O. Functions as data bit 1 for 4-/8-bit SD
GPMC_A[3]/
M24
I/O
PINCNTL119
DVDD_GPMC
mode and as an IRQ input for 1-bit SD mode
GP1[13]
DSIS: PIN
SD2_DAT[2]_SDRW/
GPMC, GP2
IPU
SD2 Data2 I/O. Functions as data bit 2 for 4-/8-bit SD
GPMC_A[2]/
K27
I/O
PINCNTL118
DVDD_GPMC
mode and as a Read Wait input for 1-bit SD mode.
GP2[6]
DSIS: PIN
SD2_DAT[3]/
GPMC, GP2
IPU
SD2 Data3 I/O. Functions as data bit 3 for 4-/8-bit SD
GPMC_A[1]/
J28
I/O
PINCNTL117
DVDD_GPMC
mode.
GP2[5]
DSIS: PIN
SD2_DAT[4]/
GPMC_A[27]/
GPMC, EDMA,
GPMC_A[23]/
IPU
TIM7, GP1
GPMC_CS[7]/
R24
I/O
SD2 Data4 I/O. Functions as data bit 4 for 8-bit SD mode.
DVDD_GPMC
PINCNTL116
EDMA_EVT0/
DSIS: PIN
TIM7_IO/
GP1[22]
SD2_DAT[5]/
GPMC, TIM6,
GPMC_A[26]/
IPU
GP1
GPMC_A[22]/
P22
I/O
SD2 Data5 I/O. Functions as data bit 5 for 8-bit SD mode.
DVDD_GPMC
PINCNTL115
TIM6_IO/
DSIS: PIN
GP1[21]
SD2_DAT[6]/
GPMC, UART2,
GPMC_A[25]/
IPU
GP1
GPMC_A[21]/
N23
I/O
SD2 Data6 I/O. Functions as data bit 6 for 8-bit SD mode.
DVDD_GPMC
PINCNTL114
UART2_TXD/
DSIS: PIN
GP1[20]
SD2_DAT[7]/
GPMC, UART2,
GPMC_A[24]/
IPU
GP1
GPMC_A[20]/
L25
I/O
SD2 Data7 I/O. Functions as data bit 7 for 8-bit SD mode.
DVDD_GPMC
PINCNTL113
UART2_RXD/
DSIS: PIN
GP1[19]
UART0_RTS/
UART0, UART4,
UART4_TXD/
IPD
DCAN1, SPI[1]
DCAN1_RX/
AF5
I
SD2 Card Detect input.
DVDD
PINCNTL73
SPI[1]_SCS[2]/
DSIS: 1
SD2_SDCD
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
99
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com