Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 13Page - Texas Instruments AM3871 Datasheet HTML 14Page - Texas Instruments AM3871 Datasheet HTML 15Page - Texas Instruments AM3871 Datasheet HTML 16Page - Texas Instruments AM3871 Datasheet HTML 17Page - Texas Instruments AM3871 Datasheet HTML 18Page - Texas Instruments AM3871 Datasheet HTML 19Page - Texas Instruments AM3871 Datasheet HTML 20Page - Texas Instruments AM3871 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
2.9.2.2
L4 Slow Peripheral Memory Map
Table 2-5. L4 Slow Peripheral Memory Map
Cortex-A8 and L3 Masters
SIZE
DEVICE NAME
START ADDRESS
END ADDRESS
(HEX)
(HEX)
0x4800_0000
0x4800_07FF
2KB
L4 Slow Configuration
– Address/Protection (AP)
0x4800_0800
0x4800_0FFF
2KB
L4 Slow Configuration
– Link Agent (LA)
0x4800_1000
0x4800_13FF
1KB
L4 Slow Configuration
– Initiator Port (IP0)
0x4800_1400
0x4800_17FF
1KB
L4 Slow Configuration
– Initiator Port (IP1)
0x4800_1800
0x4800_1FFF
2KB
Reserved
0x4800_2000
0x4800_7FFF
24KB
Reserved
0x4800_8000
0x4800_8FFF
32KB
Reserved
0x4801_2000
0x4801_FFFF
56KB
Reserved
0x4802_0000
0x4802_0FFF
4KB
UART0 Peripheral Registers
0x4802_1000
0x4802_1FFF
4KB
UART0 Support Registers
0x4802_2000
0x4802_2FFF
4KB
UART1 Peripheral Registers
0x4802_3000
0x4802_3FFF
4KB
UART1 Support Registers
0x4802_4000
0x4802_4FFF
4KB
UART2 Peripheral Registers
0x4802_5000
0x4802_5FFF
4KB
UART2 Support Registers
0x4802_6000
0x4802_7FFF
8KB
Reserved
0x4802_8000
0x4802_8FFF
4KB
I2C0 Peripheral Registers
0x4802_9000
0x4802_9FFF
4KB
I2C0 Support Registers
0x4802_A000
0x4802_AFFF
4KB
I2C1 Peripheral Registers
0x4802_B000
0x4802_BFFF
4KB
I2C1 Support Registers
0x4802_C000
0x4802_DFFF
8KB
Reserved
0x4802_E000
0x4802_EFFF
4KB
TIMER1 Peripheral Registers
0x4802_F000
0x4802_FFFF
4KB
TIMER1 Support Registers
0x4803_0000
0x4803_0FFF
4KB
SPI0 Peripheral Registers
0x4803_1000
0x4803_1FFF
4KB
SPI0 Support Registers
0x4803_2000
0x4803_2FFF
4KB
GPIO0 Peripheral Registers
0x4803_3000
0x4803_3FFF
4KB
GPIO0 Support Registers
0x4803_4000
0x4803_7FFF
16KB
Reserved
0x4803_8000
0x4803_9FFF
8KB
McASP0 CFG Peripheral Registers
0x4803_A000
0x4803_AFFF
4KB
McASP0 CFG Support Registers
0x4803_B000
0x4803_BFFF
4KB
Reserved
0x4803_C000
0x4803_DFFF
8KB
McASP1 CFG Peripheral Registers
0x4803_E000
0x4803_EFFF
4KB
McASP1 CFG Support Registers
0x4803_F000
0x4803_FFFF
4KB
Reserved
0x4804_0000
0x4804_0FFF
4KB
TIMER2 Peripheral Registers
0x4804_1000
0x4804_1FFF
4KB
TIMER2 Support Registers
0x4804_2000
0x4804_2FFF
4KB
TIMER3 Peripheral Registers
0x4804_3000
0x4804_3FFF
4KB
TIMER3 Support Registers
0x4804_4000
0x4804_4FFF
4KB
TIMER4 Peripheral Registers
0x4804_5000
0x4804_5FFF
4KB
TIMER4 Support Registers
0x4804_6000
0x4804_6FFF
4KB
TIMER5 Peripheral Registers
0x4804_7000
0x4804_7FFF
4KB
TIMER5 Support Registers
0x4804_8000
0x4804_8FFF
4KB
TIMER6 Peripheral Registers
0x4804_9000
0x4804_9FFF
4KB
TIMER6 Support Registers
0x4804_A000
0x4804_AFFF
4KB
TIMER7 Peripheral Registers
Copyright
© 2011, Texas Instruments Incorporated
Device Overview
17
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com