Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 27Page - Texas Instruments AM3871 Datasheet HTML 28Page - Texas Instruments AM3871 Datasheet HTML 29Page - Texas Instruments AM3871 Datasheet HTML 30Page - Texas Instruments AM3871 Datasheet HTML 31Page - Texas Instruments AM3871 Datasheet HTML 32Page - Texas Instruments AM3871 Datasheet HTML 33Page - Texas Instruments AM3871 Datasheet HTML 34Page - Texas Instruments AM3871 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
3.2.1
Boot Configuration
Table 3-1. Boot Configuration Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
BOOT
DESCRIPTION
GPMC CS0 default GPMC_Wait enable input. This pin is
multiplexed between ARM Cortex-A8 boot mode and
General-Purpose Memory Controller (GPMC) peripheral
functions. At reset, BTMODE[15] is sampled to determine
GPMC
the GPMC CS0 Wait enable:
GPMC_D[15]/
DIS
Y25
I
PINCNTL104
BTMODE[15]
DVDD_GPMC
•
0 = Wait disabled
DSIS: PIN
•
1 = Wait enabled
After reset, this pin functions as GPMC multiplexed
data/address pin 15 (GPMC_D[15]).
GPMC
GPMC CS0 default Address/Data multiplexing mode
GPMC_D[14]/
DIS
V24
I
PINCNTL103
input. These pins are multiplexed between ARM
BTMODE[14]
DVDD_GPMC
DSIS: PIN
Cortex-A8 boot mode and General-Purpose Memory
Controller (GPMC) peripheral functions. At reset,
BTMODE[14:13] are sampled to determine the GPMC
CS0 Address/Data multiplexing:
•
00 = Not muxed
GPMC
GPMC_D[13]/
DIS
•
01 = A/A/D muxed
U23
I
PINCNTL102
BTMODE[13]
DVDD_GPMC
•
10 = A/D muxed
DSIS: PIN
•
11 = Reserved
After reset, this pin functions as GPMC multiplexed
data/address pins 14 through 13 (GPMC_D[14:13]).
GPMC CS0 default Data Bus Width input. This pin is
multiplexed between ARM Cortex-A8 boot mode and
General-Purpose Memory Controller (GPMC) peripheral
functions. At reset, BTMODE[12] is sampled to determine
GPMC
the GPMC CS0 bus width:
GPMC_D[12]/
DIS
U24
I
PINCNTL101
BTMODE[12]
DVDD_GPMC
•
0 = 8-bit data bus
DSIS: PIN
•
1 = 16-bit data bus
After reset, this pin functions as GPMC multiplexed
data/address pin 12 (GPMC_D[12]).
RSTOUT_WD_OUT Configuration. This pin is
multiplexed between ARM Cortex-A8 boot mode and
General-Purpose Memory Controller (GPMC) peripheral
functions. At reset, BTMODE[11] is sampled to determine
the function of the RSTOUT_WD_OUT pin:
GPMC
•
0 = RSTOUT is asserted when a Watchdog Timer
GPMC_D[11]/
DIS
AA27
I
PINCNTL100
reset, POR, RESET, or Emulation/Software-Global
BTMODE[11]
DVDD_GPMC
DSIS: PIN
Cold/Warm reset occurs
•
1 = RSTOUT_WD_OUT is asserted only when a
Watchdog Timer reset occurs
After reset, this pin functions as GPMC multiplexed
data/address pin 11 (GPMC_D[11]).
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
31
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com