Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 26Page - Texas Instruments AM3871 Datasheet HTML 27Page - Texas Instruments AM3871 Datasheet HTML 28Page - Texas Instruments AM3871 Datasheet HTML 29Page - Texas Instruments AM3871 Datasheet HTML 30Page - Texas Instruments AM3871 Datasheet HTML 31Page - Texas Instruments AM3871 Datasheet HTML 32Page - Texas Instruments AM3871 Datasheet HTML 33Page - Texas Instruments AM3871 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
3.2
Terminal Functions
The terminal functions tables identify the external signal names and their pin multiplexing, the associated
pin (ball) numbers along with the mechanical package designator, the pin type (e.g., I, O, Z, S, A, or
GND), whether the pin has any internal pullup or pulldown resistors (e.g., IPU, IPD, or DIS), the supply
voltage source, and describe the a function(s) of the pin. The MUXED column in the tables also identifies
all peripheral pin functions multiplexed on a pin, the pin control register (PINCNTLx) that controls which
peripheral pin function is selected for that particular pin, and indicates the state driven on the peripheral
input (logic "0", logic "1", or "PIN" level) when the peripheral pin function is not selected (i.e., the
de-selected input state [DSIS]), and the Multi-Muxed [MM] option for that peripheral pin function). For
more detailed information on device configuration, boot mode order, peripheral selection, and
multiplexed/shared pin control, etc., see Section 4, Device Configurations of this data manual.
30
Device Pins
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com