Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 239 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 239 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 235Page - Texas Instruments AM3871 Datasheet HTML 236Page - Texas Instruments AM3871 Datasheet HTML 237Page - Texas Instruments AM3871 Datasheet HTML 238Page - Texas Instruments AM3871 Datasheet HTML 239Page - Texas Instruments AM3871 Datasheet HTML 240Page - Texas Instruments AM3871 Datasheet HTML 241Page - Texas Instruments AM3871 Datasheet HTML 242Page - Texas Instruments AM3871 Datasheet HTML 243Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 8-35. Switching Characteristics Over Recommended Operating Conditions for GPMC/NOR Flash
Interface - Asynchronous Mode (continued)
(see Figure 8-27, Figure 8-28, Figure 8-29, Figure 8-30 for Non-Multiplexed Modes)
(see Figure 8-31, Figure 8-32 for Multiplexed Modes)
OPP100
NO
PARAMETER
UNIT
.
MIN
MAX
19
td(nCSV-nOEIV)
Delay time, GPMC_CS[x] valid to GPMC_OE_RE invalid (burst read)
I - 2(9)
I + 4(9)
ns
MUX0 and Non-Multi
D(10)
ns
Muxed pins
MUX1 for
D(10)
ns
Pulse duration, GPMC_A[27:0] address bus valid:
GPMC_A[15:0]
21
tw(AV)
second, third and fourth accesses
MUX1/2 for
D(10)
ns
GPMC_A[27:20]
GPMC_D[15:0]
D(10)
ns
26
td(nCSV-nWEV)
Delay time, GPMC_CS[x] valid to GPMC_WE valid
E - 2(11)
E + 4(11)
ns
28
td(nCSV-nWEIV)
Delay time, GPMC_CS[x] valid to GPMC_WE invalid
F - 2(12)
F + 4(12)
ns
29
td(nWEV-DV)
Delay time, GPMC_WE valid to GPMC_D[15:0] data bus valid
2.0
ns
30
td(DV-nCSV)
Delay time, GPMC_D[15:0] data bus valid to GPMC_CS[x] valid
J - 2(5)
J + 4(5)
ns
Delay time, GPMC_ADV_ALE valid to GPMC_D[15:0]
MUX0 and Non-Multi
37? td(ADVV-AIV)
2.0
ns
address invalid
Muxed pins
MUX0 and Non-Multi
2.0
ns
Muxed pins
MUX1 for
2.0
ns
Delay time, GPMC_OE_RE valid to GPMC_D[15:0]
GPMC_A[15:0]
38
td(nOEV-AIV)
address/data busses phase end
MUX1/2 for
2.0
ns
GPMC_A[27:20]
GPMC_D[15:0]
2.0
ns
MUX0 and Non-Multi
39? td(AIV-ADVV)
Delay time, GPMC_ ???
2.0
ns
Muxed pins
(9)
= I - nCS Max Delay + nOE Min Delay
I = ((OEOffTime + (n - 1) * PageBurstAccessTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) *
GPMC_FCLK
(10) D = PageBurstAccessTime * (TimeParaGranularity + 1) * GPMC_FCLK
(11) = E - nCS Max Delay + nWE Min Delay
E = ((WEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - CSExtraDelay)) * GPMC_FCLK
(12) = F - nCS Max Delay + nWE Min Delay
F = ((WEOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - CSExtraDelay)) * GPMC_FCLK
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
239
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com