Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 246 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 246 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 242Page - Texas Instruments AM3871 Datasheet HTML 243Page - Texas Instruments AM3871 Datasheet HTML 244Page - Texas Instruments AM3871 Datasheet HTML 245Page - Texas Instruments AM3871 Datasheet HTML 246Page - Texas Instruments AM3871 Datasheet HTML 247Page - Texas Instruments AM3871 Datasheet HTML 248Page - Texas Instruments AM3871 Datasheet HTML 249Page - Texas Instruments AM3871 Datasheet HTML 250Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
8.9
High-Definition Multimedia Interface (HDMI)
The device includes an HDMI 1.3a-compliant transmitter for digital video and audio data to display
devices. The HDMI interface consists of a digital HDMI transmitter core with TMDS encoder, a core
wrapper with interface logic and control registers, and a transmit PHY, with the following features:
•
Hot-plug detection
•
Consumer electronics control (CEC) messages
•
DVI 1.0 compliant (only RGB pixel format)
•
CEA 861-D and VESA DMT formats
•
Supports up to 165-MHz pixel clock
– 1920 x 1080p @75 Hz with 8-bit/component color depth
– 1600 x 1200 @60 Hz with 8-bit/component color depth
•
Support for deep-color mode:
– 10-bit/component color depth up to 1080p @60 Hz (Max pixel clock = 148.5 MHz)
– 12-bit/component color depth up to 720p/1080i @60 Hz (Max pixel clock = 123.75 MHz)
•
TMDS clock to the HDMI-PHY is up to 185.625 MHz
•
Maximum supported pixel clock:
– 165 MHz for 8-bit color depth
– 148.5 MHz for 10-bit color depth
– 123.75 MHz for 12-bit color depth
•
Uncompressed multichannel (up to eight channels) audio (L-PCM) support
•
Master I2C interface for display data channel (DDC) connection
•
Options available to support HDCP encryption engine for transmitting protected audio and video (for
information, contact your local TI sales representative).
For more details on the HDMI, see the High-Definition Multimedia Interface (HDMI) chapter of the AM387x
Sitara ARM Microprocessors (MPUs) Technical Reference Manual (Literature Number: SPRUGZ7).
8.9.1
HDMI Design Guidelines
This section provides PCB design and layout guidelines for the HDMI interface. The design rules constrain
PCB trace length, PCB trace skew, signal integrity, cross-talk, and signal timing. Simulation and system
design work has been done to ensure the HDMI interface requirements are met.
8.9.1.1
HDMI Interface Schematic
The HDMI bus is separated into three main sections:
1. Transition Minimized Differential Signaling (TMDS) high-speed digital video interface
2. Display Data Channel (I2C bus for configuration and status exchange between two devices)
3. Consumer Electronics Control (optional) for remote control of connected devices.
The DDC and CEC are low-speed interfaces, so nothing special is required for PCB layout of these
signals. Their connection is shown in Figure 8-37, HDMI Interface High-Level Schematic.
The TMDS channels are high-speed differential pairs and, therefore, require the most care in layout.
Specifications for TMDS layout are below.
Figure 8-37 shows the HDMI interface schematic. The specific pin numbers can be obtained from
Table 3-15, HDMI Terminal Functions.
246
Peripheral Information and Timings
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com