Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 254 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 254 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 250Page - Texas Instruments AM3871 Datasheet HTML 251Page - Texas Instruments AM3871 Datasheet HTML 252Page - Texas Instruments AM3871 Datasheet HTML 253Page - Texas Instruments AM3871 Datasheet HTML 254Page - Texas Instruments AM3871 Datasheet HTML 255Page - Texas Instruments AM3871 Datasheet HTML 256Page - Texas Instruments AM3871 Datasheet HTML 257Page - Texas Instruments AM3871 Datasheet HTML 258Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
For additional Video DAC Design guidelines, see the High Definition Video Processing Subsystem chapter
of the AM387x Sitara ARM Microprocessors (MPUs) Technical Reference Manual (Literature Number:
SPRUGZ7).
Table 8-42. Static and Dynamic DAC Specifications
VDAC STATIC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Current Setting Resistor
Normal Mode
4653
4700
4747
Ω
(RSET)
TVOUT Bypass Mode
9900
10000
10100
Ω
Output resistor between TV_OUTx
Normal Mode
2673
2700
2727
Ω
and TV_VFBx pins (ROUT)
TVOUT Bypass Mode
N/A
Load Resistor (RLOAD)
Normal Mode
75-
Ω Inside the Display
TVOUT Bypass Mode
1485
1500
1515
Ω
AC-Coupling Capacitor (Optional)
Normal Mode
220
uF
[CAC]
TVOUT Bypass Mode
See External Amplifier Specification
Total Capacitance from TV_OUTx
Normal Mode
300
pF
to VSSA_VDAC_1P8
TVOUT Bypass Mode
N/A
Resolution
10
Bits
Integral Non-Linearity (INL), Best
Normal Mode
-4
4
LSB
Fit
TVOUT Bypass Mode
-1
1
LSB
Differential Non-Linearity (DNL)
Normal Mode
-2.5
2.5
LSB
TVOUT Bypass Mode
-1
1
LSB
Full-Scale Output Voltage
Normal Mode (RLOAD = 75 Ω)
1.3
V
TVOUT Bypass Mode (RLOAD =
0.7
V
1.5 k
Ω)
Full-Scale Output Current
Normal Mode
N/A
TVOUT Bypass Mode
470
uA
Gain Error
Normal Mode (Composite) and
-10
10
%FS
TVOUT Bypass Mode
Normal Mode (S-Video)
-20
20
%FS
Gain Mismatch (Luma-to-Chroma)
Normal Mode (Composite)
N/A
Normal Mode (S-Video)
-10
10
%
Output Impedance
Looking into TV_OUTx nodes
75
Ω
VDAC DYNAMIC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Update Rate (FCLK)
54
60
MHz
Signal Bandwidth
3 dB
6
MHz
Spurious-Free Dynamic Range
FCLK = 54 MHz, FOUT = 1 MHz
50
dBc
(SFDR) within bandwidth
Signal-to-Noise Ration (SNR)
FCLK = 54 MHz, FOUT = 1 MHz
54
dB
Normal Mode, 100 mVpp @ 6
6
MHz on VDDA_VDAC_1P8
Power Supply Rejection (PSR)
dB
TVOUT Bypass Mode, 100
mVpp @ 6 MHz on
20
VDDA_VDAC_1P8
254
Peripheral Information and Timings
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com