Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 262 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 262 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 258Page - Texas Instruments AM3871 Datasheet HTML 259Page - Texas Instruments AM3871 Datasheet HTML 260Page - Texas Instruments AM3871 Datasheet HTML 261Page - Texas Instruments AM3871 Datasheet HTML 262Page - Texas Instruments AM3871 Datasheet HTML 263Page - Texas Instruments AM3871 Datasheet HTML 264Page - Texas Instruments AM3871 Datasheet HTML 265Page - Texas Instruments AM3871 Datasheet HTML 266Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 345 page
background image
DDR[x]_CLK
1
DDR_CLK
1
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
8.13 LPDDR/DDR2/DDR3 Memory Controller
The device has a dedicated interface to DDR3, DDR2, and LPDDR SDRAM. It supports JEDEC standard
compliant LPDDR, DDR2 and DDR3 SDRAM devices with the following features:
•
16-bit or 32-bit data path to external SDRAM memory
•
Memory device capacity: 64Mb, 128Mb, 256Mb, 512Mb, 1Gb, and 2Gb devices
•
Support for two independent chip selects, with their corresponding register sets, and independent page
tracking
•
Two interfaces with associated LPDDR/DDR2/DDR3 PHYs
•
Dynamic memory manager allows for interleaving of data between the two DDR interfaces.
For details on the LPDDR/DDR2/DDR3 Memory Controller, see the DDR2/DDR3 Memory Controller
chapter of the AM387x Sitara ARM Microprocessors (MPUs) Technical Reference Manual (Literature
Number: SPRUGZ7).
8.13.1 LPDDR/DDR2/DDR3 Memory Controller Electrical Data/Timing
Table 8-48. Switching Characteristics Over Recommended Operating Conditions for LPDDR/DDR2/DDR3
Memory Controller (1)
OPP100
NO.
UNIT
MIN
MAX
LPDDR mode
5
1
tc(DDR_CLK)
Cycle time, DDR[x]_CLK
ns
DDR2/DDR3 mode
2.5
(1)
The PLL_DDR Controller must be programmed such that the resulting DDR[x]_CLK clock frequency is within the specified range.
Figure 8-46. LPDDR/DDR2/DDR3 Memory Controller Clock Timing
8.13.1.1 DDR2 Routing Guidelines
8.13.1.1.1 Board Designs
TI only supports board designs that follow the guidelines outlined in this document. The switching
characteristics and the timing diagram for the DDR2 memory controller are shown in Table 8-49 and
Figure 8-47.
Table 8-49. Switching Characteristics Over Recommended Operating Conditions for DDR2 Memory
Controller
-1G
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(DDR_CLK)
Cycle time, DDR_CLK
2.5
8
ns
Figure 8-47. DDR2 Memory Controller Clock Timing
8.13.1.1.2 DDR2 Interface
This section provides the timing specification for the DDR2 interface as a PCB design and manufacturing
262
Peripheral Information and Timings
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com