Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 267 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 267 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 263Page - Texas Instruments AM3871 Datasheet HTML 264Page - Texas Instruments AM3871 Datasheet HTML 265Page - Texas Instruments AM3871 Datasheet HTML 266Page - Texas Instruments AM3871 Datasheet HTML 267Page - Texas Instruments AM3871 Datasheet HTML 268Page - Texas Instruments AM3871 Datasheet HTML 269Page - Texas Instruments AM3871 Datasheet HTML 270Page - Texas Instruments AM3871 Datasheet HTML 271Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Complete stackup specifications are provided in Table 8-52.
Table 8-52. PCB Stackup Specifications
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
PCB routing/plane layers
6
2
Signal routing layers
3
3
Full ground layers under DDR2 routing region
2
4
Number of ground plane cuts allowed within DDR routing region
0
5
Number of ground reference planes required for each DDR2 routing layer
1
6
Number of layers between DDR2 routing layer and reference ground plane
0
7
PCB routing feature size
4
Mils
8
PCB trace width, w
4
Mils
9
PCB BGA escape via pad size(1)
18
20
Mils
10
PCB BGA escape via hole size(1)
10
Mils
11
MPU BGA pad size
0.4
mm
13
Single-ended impedance, Zo
50
75
Ω
14
Impedance control(2)
Z-5
Z
Z+5
Ω
(1)
A 20/10 via may be used if enough power routing resources are available. An 18/10 via allows for more flexible power routing to the
MPU.
(2)
Z is the nominal singled-ended impedance selected for the PCB specified by item 13.
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
267
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com