Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 272 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 272 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 268Page - Texas Instruments AM3871 Datasheet HTML 269Page - Texas Instruments AM3871 Datasheet HTML 270Page - Texas Instruments AM3871 Datasheet HTML 271Page - Texas Instruments AM3871 Datasheet HTML 272Page - Texas Instruments AM3871 Datasheet HTML 273Page - Texas Instruments AM3871 Datasheet HTML 274Page - Texas Instruments AM3871 Datasheet HTML 275Page - Texas Instruments AM3871 Datasheet HTML 276Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 345 page
background image
A1
A1
C
B
A´´
T
A = A´ + A´´
A´
A1
E0
T
E1
T
E2
E3
T
T
A1
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
8.13.1.1.3 DDR2 CK and ADDR_CTRL Routing
Figure 8-53 shows the topology of the routing for the CK and ADDR_CTRL net classes. The route is a
balanced T as it is intended that the length of segments B and C be equal. In addition, the length of A
(A'+A'') should be maximized.
Figure 8-53. CK and ADDR_CTRL Routing and Topology
Table 8-59. CK and ADDR_CTRL Routing Specification (1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center-to-center CK-CK spacing
2w
2
CK/CK skew(1)
25
Mils
3
CK B-to-C skew length mismatch
25
Mils
4
Center-to-center CK to other DDR2 trace spacing(2)
4w
5
CK/ADDR_CTRL nominal trace length(3)
CACLM-50
CACLM
CACLM+50
Mils
6
ADDR_CTRL-to-CK skew length mismatch
100
Mils
7
ADDR_CTRL-to-ADDR_CTRL skew length mismatch
100
Mils
8
Center-to-center ADDR_CTRL to other DDR2 trace spacing(2)
4w
9
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(2)
3w
10
ADDR_CTRL B-to-C skew length mismatch
100
Mils
(1)
The length of segment A=A
'+A′′ as shown in Figure 8-53.
(2)
Center-to-center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(3)
CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes.
Figure 8-54 shows the topology and routing for the DQS and DQ net classes; the routes are point to point.
Skew matching across bytes is not needed nor recommended.
Figure 8-54. DQS and DQ Routing and Topology
272
Peripheral Information and Timings
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com