Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 285 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 285 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 281Page - Texas Instruments AM3871 Datasheet HTML 282Page - Texas Instruments AM3871 Datasheet HTML 283Page - Texas Instruments AM3871 Datasheet HTML 284Page - Texas Instruments AM3871 Datasheet HTML 285Page - Texas Instruments AM3871 Datasheet HTML 286Page - Texas Instruments AM3871 Datasheet HTML 287Page - Texas Instruments AM3871 Datasheet HTML 288Page - Texas Instruments AM3871 Datasheet HTML 289Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 345 page
background image
A1
A2
MPU
Differential Clock
Output Buffer
DDR Differential CK Input Buffers
Routed as Differential Pair
A3
AT
Rcp
Clock Parallel
Terminator
A1
A2
A3
AT
Rcp
Cac
DDR_1V5
0.1 µF
+
–
+ –
+ –
A1
A2
MPU
Address/Control
Output Buffer
DDR Address/Control Input Buffers
A3
AT
Vtt
Address/Control
Terminator
Rtt
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Figure 8-66. CK Topology for Two DDR3 Devices
Figure 8-67. ADDR_CTRL Topology for Two DDR3 Devices
8.13.1.2.14.2.2 CK and ADDR_CTRL Routing, Two DDR3 Devices
Figure 8-68 shows the CK routing for two DDR3 devices placed on the same side of the PCB. Figure 8-69
shows the corresponding ADDR_CTRL routing.
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
285
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com