Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 294 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 294 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 290Page - Texas Instruments AM3871 Datasheet HTML 291Page - Texas Instruments AM3871 Datasheet HTML 292Page - Texas Instruments AM3871 Datasheet HTML 293Page - Texas Instruments AM3871 Datasheet HTML 294Page - Texas Instruments AM3871 Datasheet HTML 295Page - Texas Instruments AM3871 Datasheet HTML 296Page - Texas Instruments AM3871 Datasheet HTML 297Page - Texas Instruments AM3871 Datasheet HTML 298Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Table 8-73. Data Routing Specification(1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
DB0 nominal length(2)(3)
DQLM0
mils
2
DB1 nominal length(2)(4)
DQLM1
mils
3
DB2 nominal length(2)(5)
DQLM2
mils
4
DB3 nominal length(2)(6)
DQLM3
mils
5
DBn skew(7)
25
mils
6
DQSn+ to DQSn- skew
5
mils
7
DQSn to DBn skew(7)(8)
25
mils
8
Center-to-center DBn to other DDR3 trace spacing(9)(10)
4w
9
Center-to-center DBn to other DBn trace spacing(9)(11)
3w
10
DQSn center-to-center spacing(12)
11
DQSn center-to-center spacing to other net(9)
4w
(1)
External termination disallowed. Data termination should use built-in ODT functionality.
(2)
DQLMn is the longest Manhattan distance of a byte. For definition, see Section 8.13.1.2.16.2 and Figure 8-82.
(3)
DQLM0 is the longest Manhattan length for the net classes of Byte 0.
(4)
DQLM1 is the longest Manhattan length for the net classes of Byte 1.
(5)
DQLM2 is the longest Manhattan length for the net classes of Byte 2.
(6)
DQLM3 is the longest Manhattan length for the net classes of Byte 3.
(7)
Length matching is only done within a byte. Length matching across bytes is neither required nor recommended.
(8)
Each DQS pair is length matched to its associated byte.
(9)
Center-to-center spacing is allowed to fall to minimum for up to 1250 mils of routed length.
(10) Other DDR3 trace spacing means other DDR3 net classes not within the byte.
(11) This applies to spacing within the net classes of a byte.
(12) DQS pair spacing is set to ensure proper differential impedance.
294
Peripheral Information and Timings
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com