Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 317 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 317 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 313Page - Texas Instruments AM3871 Datasheet HTML 314Page - Texas Instruments AM3871 Datasheet HTML 315Page - Texas Instruments AM3871 Datasheet HTML 316Page - Texas Instruments AM3871 Datasheet HTML 317Page - Texas Instruments AM3871 Datasheet HTML 318Page - Texas Instruments AM3871 Datasheet HTML 319Page - Texas Instruments AM3871 Datasheet HTML 320Page - Texas Instruments AM3871 Datasheet HTML 321Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 345 page
background image
SATA Interface (Processor)
SATA Connector
SATA_TXN0
SATA_TXP0
SATA_RXN0
SATA_RXP0
TX-
TX+
RX-
RX+
10 nF
10 nF
10 nF
10 nF
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 8-89. SATA Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4A14 012C
P0SCTL
Port 0 Serial ATA Control (SControl)
0x4A14 0130
P0SERR
Port 0 Serial ATA Error (SError)
0x4A14 0134
P0SACT
Port 0 Serial ATA Active (SActive)
0x4A14 0138
P0CI
Port 0 Command Issue
0x4A14 013C
P0SNTF
Port 0 Serial ATA Notification
0x4A14 0140 - 0x4A14 016C
-
Reserved
0x4A14 0170
P0DMACR
Port 0 DMA Control
0x4A14 0174 - 0x4A14 017C
-
Reserved
0x4A14 0180 - 0x4A14 01FC
-
Reserved
0x4A14 1100
IDLE
Idle and Standby Modes
0x4A14 1104
CFGRX0
PHY Configuration Receive 0 Register
0x4A14 1108
CFGRX1
PHY Configuration Receive 1 Register
0x4A14 110C
CFGRX2
PHY Configuration Receive 2 Register
0x4A14 1110
CFGRX3
PHY Configuration Receive 3 Register
0x4A14 1114
CFGRX4
PHY Configuration Receive 4 Register
0x4A14 1118
STSRX
Receive Bus PHY-to-Controller Status Register (Used for
Debug Purposes)
0x4A14 111C
CFGTX0
PHY Configuration Transmit 0 Register
0x4A14 1120
CFGTX1
PHY Configuration Transmit 1 Register
0x4A14 1124
CFGTX2
PHY Configuration Transmit 2 Register
0x4A14 1128
CFGTX3
PHY Configuration Transmit 3 Register
0x4A14 112C
CFGTX4
PHY Configuration Transmit 4 Register
0x4A14 1130
STSTX
Transmit Bus Controller-to-PHY Status Register (Used for
Debug Purposes)
8.18.2 SATA Interface Design Guidelines
This section provides PCB design and layout guidelines for the SATA interface. The design rules constrain
PCB trace length, PCB trace skew, signal integrity, cross-talk, and signal timing. Simulation and system
design work has been done to ensure the SATA interface requirements are met.
A standard 100-MHz differential clock source must be used for SATA operation (for details, see
Section 7.4.2, SERDES_CLKN/P Input Clock).
8.18.2.1 SATA Interface Schematic
Figure 8-91 shows the data portion of the SATA interface schematic. The specific pin numbers can be
obtained from Table 3-26, Serial ATA Terminal Functions.
Figure 8-91. SATA Interface High-Level Schematic
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
317
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com