Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 335 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 335 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 331Page - Texas Instruments AM3871 Datasheet HTML 332Page - Texas Instruments AM3871 Datasheet HTML 333Page - Texas Instruments AM3871 Datasheet HTML 334Page - Texas Instruments AM3871 Datasheet HTML 335Page - Texas Instruments AM3871 Datasheet HTML 336Page - Texas Instruments AM3871 Datasheet HTML 337Page - Texas Instruments AM3871 Datasheet HTML 338Page - Texas Instruments AM3871 Datasheet HTML 339Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 8-105. CPPI DMA Controller Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4740 2000
DMAREVID
Revision Register
0x4740 2004
TDFDQ
Teardown Free Descriptor Queue Control
0x4740 2008
DMAEMU
Emulation Control Register
0x4740 200C
-
Reserved
0x4740 2010
DMAMEM1BA
CPPI Mem1 Base Address Register
0x4740 2014
DMAMEM1MASK
CPPI Mem1 Mask Address Register
0x4740 200C - 0x4740 27FF
-
Reserved
0x4740 2800
TXGCR0
Tx Channel 0 Global Configuration Register
0x4740 2804
-
Reserved
0x4740 2808
RXGCR0
Rx Channel 0 Global Configuration Register
0x4740 280C
RXHPCRA0
Rx Channel 0 Host Packet Configuration Register A
0x4740 2810
RXHPCRB0
Rx Channel 0 Host Packet Configuration Register B
0x4740 2814 - 0x4740 281C
-
Reserved
0x4740 2820
TXGCR1
Tx Channel 1 Global Configuration Register
0x4740 2824
-
Reserved
0x4740 2828
RXGCR1
Rx Channel 1 Global Configuration Register
0x4740 282C
RXHPCRA1
Rx Channel 1 Host Packet Configuration Register A
0x4740 2830
RXHPCRB1
Rx Channel 1 Host Packet Configuration Register B
0x4740 2834 - 0x4740 283C
-
Reserved
0x4740 2840
TXGCR2
Tx Channel 2 Global Configuration Register
0x4740 2844
-
Reserved
0x4740 2848
RXGCR2
Rx Channel 2 Global Configuration Register
0x4740 284C
RXHPCRA2
Rx Channel 2 Host Packet Configuration Register A
0x4740 2850
RXHPCRB2
Rx Channel 2 Host Packet Configuration Register B
0x4740 2854 - 0x4740 285F
-
Reserved
0x4740 2860
TXGCR3
Tx Channel 3 Global Configuration Register
0x4740 2864
-
Reserved
0x4740 2868
RXGCR3
Rx Channel 3 Global Configuration Register
0x4740 286C
RXHPCRA3
Rx Channel 3 Host Packet Configuration Register A
0x4740 2870
RXHPCRB3
Rx Channel 3 Host Packet Configuration Register B
0x4740 2880 - 0x4740 2B9F
-
...
0x4740 2BA0
TXGCR29
Tx Channel 29 Global Configuration Register
0x4740 2BA4
-
Reserved
0x4740 2BA8
RXGCR29
Rx Channel 29 Global Configuration Register
0x4740 2BAC
RXHPCRA29
Rx Channel 29 Host Packet Configuration Register A
0x4740 2BB0
RXHPCRB29
Rx Channel 29 Host Packet Configuration Register B
0x4740 2BB4 - 0x4740 2FFF
-
Reserved
Table 8-106. CPPI DMA Scheduler Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4740 3000
DMA_SCHED_CTRL
CPPI DMA Scheduler Control Register
0x4740 3804 - 0x4740 38FF
-
Reserved
0x4740 3800
WORD0
CPPI DMA Scheduler Table Word 0
0x4740 3804
WORD1
CPPI DMA Scheduler Table Word 1
…
…
…
0x4740 38F8
WORD62
CPPI DMA Scheduler Table Word 62
0x4740 38FC
WORD63
CPPI DMA Scheduler Table Word 63
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
335
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com