Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 117 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 113Page - Texas Instruments AM3871 Datasheet HTML 114Page - Texas Instruments AM3871 Datasheet HTML 115Page - Texas Instruments AM3871 Datasheet HTML 116Page - Texas Instruments AM3871 Datasheet HTML 117Page - Texas Instruments AM3871 Datasheet HTML 118Page - Texas Instruments AM3871 Datasheet HTML 119Page - Texas Instruments AM3871 Datasheet HTML 120Page - Texas Instruments AM3871 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 3-41. UART5 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
UART5
MCA[2]_AXR[0]/
MCA[2], SD0, GP0
SD0_DAT[6]/
IPU
PINCNTL41
N2
I
UART5_RXD/
DVDD
DSIS: 1
GP0[12]
MM: MUX3
VOUT[1],
VOUT[1]_R_CR[8]/
EMAC[1], VIN[1]A,
EMAC[1]_MTXD[7]/
IPD
GP3
VIN[1]A_D[19]/
W23
I
DVDD
PINCNTL226
UART5_RXD/
DSIS: 1
GP3[18]
MM: MUX2
UART5 Receive Data Input. Functions as IrDA receive
VIN[0]A_FLD/
VIN[0]A, I2C[2],
input in IrDA modes and CIR receive input in CIR mode.
VIN[0]B_VSYNC/
GP2
IPU
UART5_RXD/
AA20
I
PINCNTL136
DVDD
I2C[2]_SCL/
DSIS: 1
GP2[1]
MM: MUX1
EMAC[0]_MRXD[3]/
EMAC[1]_RGRXCT
EMAC[0],
L/
EMAC[1], GPMC
IPD
GPMC_A[27]/
J25
I
PINCNTL243
DVDD_GPMC
GPMC_A[26]/
DSIS: 1
GPMC_A[0]/
MM: MUX0
UART5_RXD
MCA[2]_AXR[1]/
MCA[2], SD0, GP0
SD0_DAT[7]/
IPU
PINCNTL42
V6
O
UART5_TXD/
DVDD
DSIS: PIN
GP0[13]
MM: MUX3
VOUT[1],
VOUT[1]_R_CR[9]/
EMAC[1], VIN[1]A,
EMAC[1]_MTXEN/
IPD
GP3
VIN[1]A_D[20]/
Y24
O
DVDD
PINCNTL227
UART5_TXD/
DSIS: PIN
GP3[19]
MM: MUX2
UART5 Transmit Data Output. Functions as CIR transmit
output in CIR mode.
VIN[0]A_DE/
VIN[0]A, I2C[2],
VIN[0]B_HSYNC/
GP0
IPU
UART5_TXD/
AE21
O
PINCNTL135
DVDD
I2C[2]_SDA/
DSIS: PIN
GP2[0]
MM: MUX1
EMAC[0]_MRXD[4]/
EMAC[0], GPMC
EMAC[0]_RGRXD[3]
IPD
PINCNTL244
/
T23
O
DVDD_GPMC
DSIS: PIN
GPMC_A[1]/
MM: MUX0
UART5_TXD
VIN[0]A, GP2
VIN[0]A_HSYNC/
IPU
PINCNTL138
UART5_RTS/
AC20
O
DVDD
DSIS: PIN
GP2[3]
MM: MUX1
UART5 Request to Send Output. Indicates module is
ready to receive data. Functions as transmit data output in
EMAC[0]_MRXD[6]/
EMAC[0], GPMC
IrDA modes.
EMAC[0]_RGTXD[2]
IPD
PINCNTL246
/
F28
O
DVDD_GPMC
DSIS: PIN
GPMC_A[3]/
MM: MUX0
UART5_RTS
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
117
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com