Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 145 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 141Page - NXP Semiconductors LPC1850 Datasheet HTML 142Page - NXP Semiconductors LPC1850 Datasheet HTML 143Page - NXP Semiconductors LPC1850 Datasheet HTML 144Page - NXP Semiconductors LPC1850 Datasheet HTML 145Page - NXP Semiconductors LPC1850 Datasheet HTML 146Page - NXP Semiconductors LPC1850 Datasheet HTML 147Page - NXP Semiconductors LPC1850 Datasheet HTML 148Page - NXP Semiconductors LPC1850 Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
145 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
Conditions: Tamb = 25 C; normal mode entered executing code while(1){} from ROM; internal
pull-up resistors disabled; system PLL enabled; IRC enabled, BOD disabled; all peripherals
disabled; all peripheral clocks disabled.
Fig 53. Typical supply current versus regulator supply voltage VDD(REG)(3V3) in active
mode
Conditions: VDD(REG)(3V3) = 3.0 V, normal mode entered executing code while(1){} from ROM;
internal pull-up resistors disabled; system PLL enabled; IRC enabled, BOD disabled; all
peripherals disabled; all peripheral clocks disabled.
Fig 54. Typical supply current versus temperature in active mode
002aag121
VDD(REG)(3V3) (V)
2.0
3.6
3.2
2.8
2.4
12 MHz
36 MHz
60 MHz
84 MHz
132 MHz
144 MHz
108 MHz
20
40
60
IDD(REG)(3V3)
(mA)
0
temperature (°C)
-40
85
35
10
60
-15
002aag122
20
40
60
IDD(REG)(3V3)
(mA)
0
12 MHz
36 MHz
84 MHz
144 MHz
108 MHz
60 MHz
132 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com