Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 147 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 147 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 143Page - NXP Semiconductors LPC1850 Datasheet HTML 144Page - NXP Semiconductors LPC1850 Datasheet HTML 145Page - NXP Semiconductors LPC1850 Datasheet HTML 146Page - NXP Semiconductors LPC1850 Datasheet HTML 147Page - NXP Semiconductors LPC1850 Datasheet HTML 148Page - NXP Semiconductors LPC1850 Datasheet HTML 149Page - NXP Semiconductors LPC1850 Datasheet HTML 150Page - NXP Semiconductors LPC1850 Datasheet HTML 151Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
147 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
Conditions: VBAT = 0 V; VDD(IO) = 0 V; PD0_SLEEP0_MODE = 0x003F FCBA.
Fig 57. Typical supply current versus temperature in Power-down mode
Conditions: VBAT = 0 V; VDD(IO) = 0 V; PD0_SLEEP0_MODE = 0x003F FF7F.
Fig 58. Typical supply current versus temperature in Deep power-down mode
temperature (°C)
-40
85
35
10
60
-15
002aag124
20
40
60
IDD(REG)(3V3)
(μA)
0
VDD(REG)(3V3) = 3.6 V
3.0 V
2.6 V
2.2 V
002aag125
temperature (°C)
-40
85
35
10
60
-15
VDD(REG)(3V3) = 3.6 V
2.2 V
4.0
8.0
2.0
6.0
10.0
IDD(REG)(3V3)
(μA)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com