Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 151 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 147Page - NXP Semiconductors LPC1850 Datasheet HTML 148Page - NXP Semiconductors LPC1850 Datasheet HTML 149Page - NXP Semiconductors LPC1850 Datasheet HTML 150Page - NXP Semiconductors LPC1850 Datasheet HTML 151Page - NXP Semiconductors LPC1850 Datasheet HTML 152Page - NXP Semiconductors LPC1850 Datasheet HTML 153Page - NXP Semiconductors LPC1850 Datasheet HTML 154Page - NXP Semiconductors LPC1850 Datasheet HTML 155Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
151 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
LPC1850_30_20_10 v.2.1
20110822
Preliminary data sheet
-
LPC1850_30_20_10 v.2
Modifications:
• LQFP100 pin package added in Table 3.
• Number of ADC channels, QEI, and Motor control PWM added in Table 2.
• Pin P2_7 designated as ISP entry pin.
• Description of ISP mode added (see Section 7.8.1).
• Updates related to the Rev ‘A’ version of parts LPC1850/30/20/10:
– VI updated for I/O pins in Table 6.
– Boot pins corrected in Table 3 and Table 5: Pin P2_7 replaced by pin P2_9 as boot
pin. Pin level corrected for 4th boot pin (P2_9) in Table 5.
– USART3 boot mode added in Table 5.
– Memory map updated: SPIFI data added at address 0x1400 000 in Figure 9.
– Boot ROM size increased to 64 kB in Section 2 and Figure 9.
• Updated pin P2_2, CTOUT_6 changed to CTIN_6 in Table 3.
Table 35.
Revision history …continued
Document ID
Release date Data sheet status
Change notice
Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com