Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 148 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 148 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 144Page - NXP Semiconductors LPC1850 Datasheet HTML 145Page - NXP Semiconductors LPC1850 Datasheet HTML 146Page - NXP Semiconductors LPC1850 Datasheet HTML 147Page - NXP Semiconductors LPC1850 Datasheet HTML 148Page - NXP Semiconductors LPC1850 Datasheet HTML 149Page - NXP Semiconductors LPC1850 Datasheet HTML 150Page - NXP Semiconductors LPC1850 Datasheet HTML 151Page - NXP Semiconductors LPC1850 Datasheet HTML 152Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
148 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
17. Abbreviations
Table 33.
Power consumption for individual peripherals
Tamb = 25 C; VDD(REG)(3V3) = 3.3 V.
Peripheral
Conditions
Typical
IDD(REG)(3V3)[1]
IRC
<tbd>
<tbd>
ADC
<tbd>
<tbd>
DAC
<tbd>
<tbd>
I2C0
<tbd>
<tbd>
I2C1
<tbd>
<tbd>
I2S
<tbd>
<tbd>
SSP0
<tbd>
<tbd>
SSP1
<tbd>
<tbd>
USART0
<tbd>
<tbd>
UART1
<tbd>
<tbd>
USART2
<tbd>
<tbd>
USART3
<tbd>
<tbd>
USB0
<tbd>
<tbd>
USB1
<tbd>
<tbd>
Ethernet
<tbd>
<tbd>
Table 34.
Abbreviations
Acronym
Description
ADC
Analog-to-Digital Converter
AES
Advanced Encryption Standard
AHB
Advanced High-performance Bus
APB
Advanced Peripheral Bus
API
Application Programming Interface
BOD
BrownOut Detection
BGA
Ball Grid Array
CAN
Controller Area Network
CMAC
Cipher-based Message Authentication Code
CSMA/CD
Carrier Sense Multiple Access with Collision Detection
DAC
Digital-to-Analog Converter
DMA
Direct Memory Access
EOP
End Of Packet
ETB
Embedded Trace Buffer
ETM
Embedded Trace Macrocell
GPIO
General Purpose Input/Output
IRC
Internal RC
IrDA
Infrared Data Association



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com