Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 150 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 150 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 146Page - NXP Semiconductors LPC1850 Datasheet HTML 147Page - NXP Semiconductors LPC1850 Datasheet HTML 148Page - NXP Semiconductors LPC1850 Datasheet HTML 149Page - NXP Semiconductors LPC1850 Datasheet HTML 150Page - NXP Semiconductors LPC1850 Datasheet HTML 151Page - NXP Semiconductors LPC1850 Datasheet HTML 152Page - NXP Semiconductors LPC1850 Datasheet HTML 153Page - NXP Semiconductors LPC1850 Datasheet HTML 154Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
150 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
18. Revision history
Table 35.
Revision history
Document ID
Release date Data sheet status
Change notice
Supersedes
LPC1850_30_20_10 v.3
20111206
Preliminary data sheet
-
LPC1850_30_20_10 v.2.2
Modifications:
• VDDA(3V3) minimum value changed to 2.2 V.
• VDD(IO) and VDD(REG)(3V3) ranges added to static and dynamic characteristics tables.
• Figure 29 and Figure 30 updated.
• UART and USART maximum bit rates specified in Section 11.7.
• Defined 5 V tolerant pins for VDD(IO) present only in Table 3.
• Added pin characteristics for USB1 pins in Table 8.
• Added explanation of parameter Rvsi (Figure 36).
• SPIFI driver removed from ROM (Table 4 and Table 5).
• Multiple <tbd> replaced in Section 8, Section 9, Section 10, Section 11.
• Parameter Cia = 2 pF updated in Table 25.
• ESD parameter added in Table 6.
• AES removed from memory maps.
• SD/MMC timing parameters added in Table 23.
• LCD timing parameters added in Table 24.
• EMC SDRAM timing parameters updated in Table 19.
• SSP timing parameters added in Table 16.
• USART timing parameters added in Table 15.
• DAC characterization data added in Table 26.
• DBGEN pin reset state: PD removed (Table 3).
• TDO pin reset state: PU removed (Table 3).
• USB0_ID pin: pin description updated (Table 3).
• USB0_VBUS pin: pin description updated (Table 3).
• Static characteristics for LPC1850/30/20/10 Rev ‘-’ moved to Section 16.
• Dynamic characteristics added for the crystal oscillator (Section 11.3).
• Pin function USB0_PWR_EN changed to USB0_PPWR and description updated in
Table 3.
• Pin function USB1_VBUS_EN changed to USB1_PPWR and description updated in
Table 3.
• Updates related to the Rev ‘A’ version of parts LPC1850/30/20/10:
– LQFP208 pin configuration added.
– SRAM connections in Figure 8 updated and SPIFI added.
– EMC static and dynamic SRAM characterization data added.
– Number of GPIOs corrected in the LQFP208 package (Table 2).
– Table 8 updated for parts LPC1850/30/20/10 Rev ‘A’.
– ADC characteristics added (Table 25.
– DAC characteristics added (Table 26).
– Reset state updated for pin PF_0 and PF_4 in Table 3.
– Power consumption data added in Table 8.
– Pin electrical characteristics added in Table 8, Figure 20 and Figure 21.
LPC1850_30_20_10 v.2.2
20110909
Preliminary data sheet
-
LPC1850_30_20_10 v.2.1
Modifications:
• Pin P7_2, column LQFP144: replaced 113 by 115 in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com