Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 153 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 153 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 149Page - NXP Semiconductors LPC1850 Datasheet HTML 150Page - NXP Semiconductors LPC1850 Datasheet HTML 151Page - NXP Semiconductors LPC1850 Datasheet HTML 152Page - NXP Semiconductors LPC1850 Datasheet HTML 153Page - NXP Semiconductors LPC1850 Datasheet HTML 154Page - NXP Semiconductors LPC1850 Datasheet HTML 155Page - NXP Semiconductors LPC1850 Datasheet HTML 156Page - NXP Semiconductors LPC1850 Datasheet HTML 157Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 153 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
153 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
LPC1850_30_20_10 v.1.2
20110217
Objective data sheet
-
LPC1850_30_20_10 v.1
Modifications:
• RMII removed from description of pin functions ENET_RXD2, ENET_RXD3,
ENET_ER. ENET_REF_CLK removed from pin function ENET_RX_CLK (Table 3).
• Support for IEEE 1588 time stamping/advanced time stamping (IEEE 1588-2008 v2)
added (Section 2 and Section 7.12.9).
• All pins with default state n.c. are inputs with pull-ups enabled on reset (Table 3).
• SPIFI functions removed from pins PA_0, PA_3, PC_4, PC_5, PC_8, PE_2 in Table 3.
• Reset states added for multiple pins in Table 3.
• Editorial updates.
• Section 13.2 “Crystal oscillator” added.
• Pin P2_7 designated as boot pin 3 in Table 3.
• USB0 and USB1 added to boot sources in Table 4 and Table 5.
LPC1850_30_20_10 v.1
20110103
Objective data sheet
-
-
Table 35.
Revision history …continued
Document ID
Release date Data sheet status
Change notice
Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com