Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 31Page - Analog Devices ADP1046 Datasheet HTML 32Page - Analog Devices ADP1046 Datasheet HTML 33Page - Analog Devices ADP1046 Datasheet HTML 34Page - Analog Devices ADP1046 Datasheet HTML 35Page - Analog Devices ADP1046 Datasheet HTML 36Page - Analog Devices ADP1046 Datasheet HTML 37Page - Analog Devices ADP1046 Datasheet HTML 38Page - Analog Devices ADP1046 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
Data Sheet
ADP1046
Rev. 0 | Page 35 of 96
Using the OTP Value
The ADC is now trimmed and is linear between the two
temperatures of interest.
The second option does not use the linearization scheme.
Instead, the user programs an RTD current and sets the OTP
threshold in millivolts. Due to the nonlinear nature of the NTC
thermistor, it is best to use a resistor in parallel with the NTC
thermistor to aid in the linearization of the voltage seen at the
RTD pin.
This procedure achieves the most accurate OTP because it takes
into account the part-to-part variations of the ADP1046 and the
tolerances of the thermistor being used.
ACSNS CALIBRATION AND TRIM
The ACSNS feedforward ADC (see Figure 18) is used for
voltage line feedforward and cannot be trimmed by the user.
This procedure trims out the errors/tolerances in the NTC therm-
istor and the external resistor. Calculation of the parallel resistor
can be done by knowing the NTC resistance characteristic across
various temperatures.
The ACSNS slow ADC requires a gain trim. Enable the power
supply with full load current at the nominal input voltage. The
secondary peak reverse voltage on the output rectifiers is
filtered by an external RCD circuit (see Figure 18).
To use this procedure, the temperatures and equivalent resistances
of the NTC thermistor and parallel resistor combination must
be known.
To trim the ACSNS ADC, the user can reverse-calculate the
primary voltage as follows:
In Figure 44, T2 is the OTP threshold that sets the OTP flag,
and T1 is the temperature at which the OTP flag is cleared.
VPRIMARY = Vx × (R1 + R2)/R2 × (N1/N2)
where:
Vx is the voltage at the ACSNS pin.
N1/N2 is the turns ratio.
RTD PIN
VOLTAGE
V2
V1
ADC CODE
TEMPERATURE
RTD PIN VOLTAGE
V1
T1
T2
V2
The ACSNS gain trim register (Register 0x5E) is adjusted until
this calculated voltage is equal to the desired primary input
voltage.
Another way to trim the ACSNS ADC uses the average second-
ary voltage. With known values for the nominal input voltage,
transformer turns ratio, and resistor dividers at the ACSNS pin,
the ACSNS gain trim register (Register 0x5E) is adjusted to give
code 2560 decimal (0xA00).
Figure 44. RTD Pin Voltage, ADC Code, and Temperature
The following procedure should be used:
1.
Adjust the desired RTD current source, IRTD, as described
in the Trimming the Current Source section.
2.
Set the temperature to the OTP threshold.
ADC Code = Vx/1.6 × 4096
where Vx is the voltage at the ACSNS pin.
3.
Adjust the offset trim registers (Register 0x1C and Register
0x20) until the reading in Register 0x1A is the same as V2
(in mV).
The resistors in Figure 18 are sized such that the first time
constant, RC, is long enough to prevent overcharging of the
capacitor (roughly 200 ns in a typical application), whereas the
second time constant, (R1 + R2) × C, is long enough to keep the
average voltage constant during the rectifier off time.
4.
Set the OTP threshold (Register 0x2F) to the value of V2.
5.
Set the temperature to the hysteresis point where the OTP
flag is cleared.
6.
Adjust the temperature gain trim register (Register 0x2B)
until the correct voltage is seen in Register 0x1A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com