Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 28Page - Analog Devices ADP1046 Datasheet HTML 29Page - Analog Devices ADP1046 Datasheet HTML 30Page - Analog Devices ADP1046 Datasheet HTML 31Page - Analog Devices ADP1046 Datasheet HTML 32Page - Analog Devices ADP1046 Datasheet HTML 33Page - Analog Devices ADP1046 Datasheet HTML 34Page - Analog Devices ADP1046 Datasheet HTML 35Page - Analog Devices ADP1046 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 32 of 96
VOLT-SECOND BALANCE
The ADP1046 has a dedicated circuit to maintain volt-second
balance in the main transformer when operating in full-bridge
topology. This circuit eliminates the need for a dc blocking capac-
itor. In interleaved topologies, volt-second balance can also be
used for current balancing to ensure that each interleaved phase
contributes equal power.
The circuit monitors the current flowing in both legs of the full-
bridge topology and stores this information. It compensates the
selected PWM signals to ensure equal current flow in both legs
of the full-bridge topology. The input is through the CS1 pin.
Several switching cycles are required for the circuit to operate
effectively. The maximum amount of modulation applied to
each edge of the selected PWM outputs is programmable to
±80 ns or ±160 ns in Register 0x28[2].
The volt-second balance settings are programmed in Register 0x28
and in Register 0x76 through Register 0x78. It is recommended
that the Analog Devices software GUI be used to program these
settings.
The compensation of the PWM drive signals is performed on
the edges of two selected outputs. The SR1 and SR2 edges can
also be independently set to modulate due to the volt-second
balance circuit to maintain the timing relation to the primary
side signals.
DIGITAL LOAD LINE AND SLEW RATE
The ADP1046 can optionally introduce a digital load line into
the power supply. This option is programmed in the load line
impedance register (Register 0x36). Two parameters can be
configured independently: slew rate and load line value.
The slew rate (Register 0x36[6:4]) determines how quickly the
output voltage is adjusted in response to a change in the digital
reference. Eight different settings are available.
The load line value (Register 0x36[2:0]) controls the slope of
the load line. The amount of output resistance introduced can
be calculated as follows:
ROUT = 0.1 × VOUT_NOM × CS2 RSENSE/(CS2 Range × 2LOAD_SET[2:0])
where:
VOUT_NOM is the nominal output voltage when VS3 = 1 V.
CS2 RSENSE is the sense resistor value.
CS2 Range is 120 mV or 60 mV.
LOAD_SET[2:0] is the value of Bits[2:0] in Register 0x36
(0 to 7 decimal).
For example, if VOUT_NOM = 12 V, CS2 RSENSE = 10 mΩ,
CS2 Range = 120 mV, and LOAD_SET[2:0] = 3,
ROUT = 0.1 × 12 V × 10 mΩ/(120 mV × 23) = 12.5 mΩ
This feature can be used for advanced current sharing techniques.
By default, the load line is disabled. The load line is introduced
digitally by modifying the value of the digital reference based
on the CS2 reading.
Figure 42 and Figure 43 show the load line as a percentage of
VOUT vs. the RSENSE voltage drop.
100
90
91
92
93
94
95
96
97
98
99
0
20406080
100
120
10
30
50
70
90
110
RSENSE VOLTAGE DROP (mV)
SETTING 7
SETTING 6
SETTING 5
SETTING 4
SETTING 3
SETTING 2
SETTING 1
SETTING 0
Figure 42. Load Line Settings with 120 mV CS2 Range
100
88
90
92
94
96
98
0
10203040
5060
5
15
253545
55
RSENSE VOLTAGE DROP (mV)
SETTING 7
SETTING 6
SETTING 5
SETTING 4
SETTING 3
SETTING 2
SETTING 1
SETTING 0
Figure 43. Load Line Settings with 60 mV CS2 Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com