Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 83 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 79Page - Analog Devices ADP1046 Datasheet HTML 80Page - Analog Devices ADP1046 Datasheet HTML 81Page - Analog Devices ADP1046 Datasheet HTML 82Page - Analog Devices ADP1046 Datasheet HTML 83Page - Analog Devices ADP1046 Datasheet HTML 84Page - Analog Devices ADP1046 Datasheet HTML 85Page - Analog Devices ADP1046 Datasheet HTML 86Page - Analog Devices ADP1046 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
Data Sheet
ADP1046
Rev. 0 | Page 83 of 96
Table 124. Register 0x7C—PGOOD2 Flag Masking
Bits
Bit Name
R/W
Description
7
Soft start flag
R/W
If set to 1, this flag is ignored by PGOOD2. This bit must be set to 0 to enable proper PGOOD2
debounce timing after the end of the soft start ramp.
6
CS1 fast OCP
R/W
If set to 1, this flag is ignored by PGOOD2.
5
CS1 accurate OCP
R/W
If set to 1, this flag is ignored by PGOOD2.
4
CS2 accurate OCP
R/W
If set to 1, this flag is ignored by PGOOD2.
3
UVP
R/W
If set to 1, this flag is ignored by PGOOD2.
2
Local OVP (fast and
accurate)
R/W
If set to 1, this flag is ignored by PGOOD2.
1
Load OVP
R/W
If set to 1, this flag is ignored by PGOOD2.
0
OrFET
R/W
If set to 1, this flag is ignored by PGOOD2.
Table 125. Register 0x7D—Light Load Mode Threshold Settings
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R/W
Reserved.
[5:4]
Debounce
R/W
After the SR outputs are turned on or off, any further transition of the thresholds is ignored for the
amount of time programmed in these bits. This debounce is provided to avoid false transitions
and improve noise immunity. The debounce time is calculated as a number of PWM switching
cycles (tSW). For example, at 100 kHz, tSW = 10 μs, 64 × tSW = 640 μs.
Bit 5
Bit 4
Debounce Time
0
0
0 tSW
0
1
64 tSW
1
0
128 tSW
1
1
256 tSW
[3:2]
Light load mode
averaging speed
R/W
These bits set the averaging speed and resolution used for the light load mode threshold.
Faster speed corresponds to lower resolution and, therefore, to lower accuracy of the threshold.
Bit 3
Bit 2
Speed (Resolution)
0
0
37.5 μs (6 bits)
0
1
75 μs (7 bits)
1
0
150 μs (8 bits)
1
1
300 μs (9 bits)
[1:0]
Light load mode
hysteresis
R/W
These bits set the amount of hysteresis applied to the light load mode threshold. The size of the
LSB is affected by the speed and resolution selected in Bits[3:2]. If the CS2 ADC range of 120 mV
is used with 8-bit resolution, the LSB size is 120 mV/28 = 469 μV.
Bit 1
Bit 0
Hysteresis (LSB)
0
0
3
0
1
8
1
0
12
1
1
16
Table 126. Register 0x7F—GO Byte
Bits
Bit Name
R/W
Description
[7:4]
Reserved
R/W
Reserved.
3
Filter GO
W
This bit latches all the filter registers: Register 0x60 to Register 0x67 and Register 0x71 to
Register 0x75.
2
Frequency GO
W
This bit latches Register 0x3F and Register 0x40. This is to prevent the switching frequency
settings from being temporarily incorrect.
1
PWM settings GO
W
This bit latches Register 0x41 to Register 0x5C. This is to prevent the PWM settings from being
temporarily incorrect.
0
Voltage reference GO
W
This bit latches Register 0x31. This is to prevent the reference setting from being temporarily
incorrect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com