Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 3Page - Analog Devices ADP1046 Datasheet HTML 4Page - Analog Devices ADP1046 Datasheet HTML 5Page - Analog Devices ADP1046 Datasheet HTML 6Page - Analog Devices ADP1046 Datasheet HTML 7Page - Analog Devices ADP1046 Datasheet HTML 8Page - Analog Devices ADP1046 Datasheet HTML 9Page - Analog Devices ADP1046 Datasheet HTML 10Page - Analog Devices ADP1046 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
Data Sheet
ADP1046
Rev. 0 | Page 7 of 96
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CURRENT SENSE 2 (CS2+, CS2−
PINS)
Input Voltage Range
VIN
Differential voltage from CS2+ to CS2−,
LSB = 29.297 μV
0
120
mV
Usable Input Voltage Range
0
110
mV
ADC Clock Frequency
1.56
MHz
Temperature Coefficient
120 mV Range
0 mV to 100 mV
78
ppm/°C
0 mV to 50 mV
70
ppm/°C
60 mV Range
0 mV to 50 mV
156
ppm/°C
0 mV to 25 mV
140
ppm/°C
Current Sense Measurement
120 mV Setting
0 mV to 110 mV
−2.1
+2.1
% FSR
−2.52
+2.52
mV
60 mV Setting
0 mV to 55 mV
−4.2
+4.2
% FSR
−5.04
+5.04
mV
Current Sense Measurement
Accuracy
With 0.01% level shifting resistors
120 mV Setting
0 mV to 100 mV, VDD = 3.3 V
−0.9
+0.9
% FSR
−1.08
+1.08
mV
60 mV Setting
0 mV to 55 mV, VDD = 3.3 V
−1.8
+1.8
% FSR
−2.16
+2.16
mV
Leakage Current
1.0
μA
Current Sense Measurement
Resolution
12
Bits
CS2 Accurate OCP Speed
2.62
5.24
ms
Current Sink (High Side)
2
mA
Current Source (Low Side)
200
μA
Common-Mode Voltage at the
CS2+ and CS2− Pins
To achieve CS2 measurement accuracy
0.8
1.0
1.4
V
OrFET PROTECTION (CS2+, CS2−)
Low-side and high-side current sensing
Fast OrFET Accuracy
−3 mV setting
+3.5
−3.00
−9.5
mV
−6 mV setting
+0.29
−6.21
−12.71
mV
−9 mV setting
−2.68
−9.43
−16.18
mV
−12 mV setting
−5.89
−12.64
−19.39
mV
−15 mV setting
−9.01
−15.86
−22.71
mV
−18 mV setting
−12.22
−19.07
−25.92
mV
−21 mV setting
−15.29
−22.29
−29.29
mV
−24 mV setting
−18.50
−25.50
−32.50
mV
Fast OrFET Speed
Debounce = 40 ns
110
150
ns
RTD TEMPERATURE SENSE
ADC Clock Frequency
1.56
MHz
Input Voltage Range
RTD to AGND
0
1.6
V
Usable Input Voltage Range
0
1.3
V
Source Current
Factory trimmed to 46 μA (Register 0x11
set to 0xE6)
44.35
46
47.65
μA
Current source set to 10 μA
9.25
10.1
10.75
μA
Current source set to 20 μA
18.35
20.1
21.85
μA
Current source set to 30 μA
28.45
30.2
31.95
μA
Current source set to 40 μA
38.45
40.3
41.95
μA
Source Current Fine Setting
See Register 0x11[5:0]
160
nA
RTD ADC
Register Update Rate
10
ms
Resolution
12
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com