Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 10Page - Analog Devices ADP1046 Datasheet HTML 11Page - Analog Devices ADP1046 Datasheet HTML 12Page - Analog Devices ADP1046 Datasheet HTML 13Page - Analog Devices ADP1046 Datasheet HTML 14Page - Analog Devices ADP1046 Datasheet HTML 15Page - Analog Devices ADP1046 Datasheet HTML 16Page - Analog Devices ADP1046 Datasheet HTML 17Page - Analog Devices ADP1046 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 14 of 96
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
1.0
0.5
1.5
2.0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MIN
MAX SPEC
MIN SPEC
MEAN
MAX
Figure 11. ACSNS ADC Accuracy vs. Temperature (from 10% to 90% of FSR)
4
–4
–3
–2
–1
0
1
2
3
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MAX SPEC
MIN SPEC
MIN
MAX
MEAN
Figure 12. RTD ADC Accuracy vs. Temperature (from 10% to 90% of FSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com