Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 76 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 72Page - Analog Devices ADP1046 Datasheet HTML 73Page - Analog Devices ADP1046 Datasheet HTML 74Page - Analog Devices ADP1046 Datasheet HTML 75Page - Analog Devices ADP1046 Datasheet HTML 76Page - Analog Devices ADP1046 Datasheet HTML 77Page - Analog Devices ADP1046 Datasheet HTML 78Page - Analog Devices ADP1046 Datasheet HTML 79Page - Analog Devices ADP1046 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 76 of 96
ADAPTIVE DEAD TIME REGISTERS
Register 0x68 to Register 0x70 can be used to program the adaptive dead time (ADT) feature. It is recommended that the software GUI be
used to program the adaptive dead time edges.
Figure 58. Adaptive Dead Time Window in the GUI
Table 104. Register 0x68—Adaptive Dead Time Threshold
Bits
Bit Name
R/W
Description
[7:0]
Adaptive dead
time threshold
R/W
This register sets the ADT threshold. This 8-bit number is compared to the eight MSBs of the CS1 value
register (Register 0x13). When the current level measured on CS1 falls below this threshold, the edges of
the PWM signals are affected as a linear function of the CS1 current, as programmed in Register 0x69
to Register 0x6F. When this register is programmed to 0x00, the ADT function is disabled.
Table 105. Register 0x69—Dead Time 1
Bits
Bit Name
R/W
Description
7
t1 polarity
R/W
0 = positive polarity; 1 = negative polarity.
[6:4]
t1 offset
R/W
This value multiplied by Register 0x70[2:0] determines the t1 offset from nominal timing at no load.
Bit 6
Bit 5
Bit 4
Offset (ns)
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
3
t2 polarity
R/W
0 = positive polarity; 1 = negative polarity.
[2:0]
t2 offset
R/W
This value multiplied by Register 0x70[2:0] determines the t2 offset from nominal timing at no load.
Bit 2
Bit 1
Bit 0
Offset (ns)
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com