Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 20Page - Analog Devices ADP1046 Datasheet HTML 21Page - Analog Devices ADP1046 Datasheet HTML 22Page - Analog Devices ADP1046 Datasheet HTML 23Page - Analog Devices ADP1046 Datasheet HTML 24Page - Analog Devices ADP1046 Datasheet HTML 25Page - Analog Devices ADP1046 Datasheet HTML 26Page - Analog Devices ADP1046 Datasheet HTML 27Page - Analog Devices ADP1046 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 24 of 96
VDD
POWER GOOD
When VDD is applied, a certain time elapses before the part is
capable of regulating the power supply. When VDD rises above
the power-on reset and UVLO levels, it takes approximately 20 μs
for VCORE to reach its operational point of 2.5 V. The
EEPROM contents are then downloaded to the registers. The
download takes an additional 25 μs (approximately). After the
EEPROM download, the ADP1046 is ready for operation.
The ADP1046 has two open-drain power-good pins. The
PGOOD1 pin is driven low when a PGOOD1 fault condition
is present; the PGOOD2 pin is driven low when a PGOOD2
fault condition is present. The PGOOD1 and PGOOD2 pins
and flags can be programmed to respond to the following flags:
•
Soft start
•
CS1 fast OCP
If the ADP1046 is programmed to power up at this time (PSON
is enabled), the soft start ramp begins. Otherwise, the part waits
for the PSON signal.
•
CS1 accurate OCP
•
CS2 accurate OCP
•
UVP
The proper amount of decoupling capacitance must be placed
between VDD and AGND, as close as possible to the device to
minimize the trace length. It is recommended that the VCORE
pin not be used as a reference or to generate other logic levels
using resistive dividers.
•
Local OVP (fast and accurate)
•
Load OVP
•
OrFET (GATE pin)
The masking of these flags is programmed in Register 0x7B
(for PGOOD1) and Register 0x7C (for PGOOD2). When a flag
is masked, it does not set PGOOD1 or PGOOD2.
VDD/VCORE OVLO
The ADP1046 has built-in overvoltage protection (OVP) on
its supply rails. When the VDD or VCORE voltage rises above
the OVLO threshold, the response can be programmed using
Register 0x0E[7:5]. It is recommended that when a VDD/
VCORE OVP fault occurs, the response be set to download the
EEPROM before restarting the part (set Register 0x0E[6] = 1).
The following additional flags can also set the PGOOD2 pin either
unconditionally or based on the flag response, as programmed
in Register 0x2D[3] (see Figure 30 and Table 45).
•
Voltage continuity
•
OrFET disable
•
ACSNS
•
External flag (FLAGIN pin)
•
OTP
These additional flags can be programmed in Register 0x2D[3]
to always set PGOOD2 or to set PGOOD2 only if the flag action
is not set to “ignore” in the fault configuration register for that
flag (see Table 12 and Table 13).
PGOOD1
(FLAG AND PIN)
PGOOD2
(FLAG AND PIN)
ADDITIONAL FLAGS
-VOLTAGE CONTINUITY
-OrFET DISABLE
-ACSNS
-FLAGIN
-OTP
MASKED BY
REG 0x7B
MASKED BY
REG 0x7C
DEBOUNCE
(REG 0x2D[7:6])
DEBOUNCE
(REG 0x2D[5:4])
MAIN FLAGS
-SOFT START
-CS1 FAST OCP
-CS1 ACCURATE OCP
-CS2 ACCURATE OCP
-UVP
-LOCAL OVP
(FAST AND ACCURATE)
-LOAD OVP
-OrFET (GATE PIN)
IF REG 0x2D[3] = 0, THE
ADDITIONAL FLAGS
ALWAYS AFFECT PGOOD2,
REGARDLESS OF THE
PROGRAMMED ACTION.
IF REG 0x2D[3] = 1, THE
ADDITIONAL FLAGS AFFECT
PGOOD2 ONLY IF THEY ARE
NOT SET TO BE IGNORED.
Figure 30. PGOOD1, PGOOD2 Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com