Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 6Page - Analog Devices ADP1046 Datasheet HTML 7Page - Analog Devices ADP1046 Datasheet HTML 8Page - Analog Devices ADP1046 Datasheet HTML 9Page - Analog Devices ADP1046 Datasheet HTML 10Page - Analog Devices ADP1046 Datasheet HTML 11Page - Analog Devices ADP1046 Datasheet HTML 12Page - Analog Devices ADP1046 Datasheet HTML 13Page - Analog Devices ADP1046 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 10 of 96
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (Continuous), VDD
4.2 V
Digital Pins: OUTA, OUTB, OUTC, OUTD,
OUTAUX, SR1, SR2, GATE, PGOOD1,
PGOOD2
−0.3 V to VDD + 0.3 V
VS3− to PGND, AGND, DGND
−0.3 V to +0.3 V
VS1, VS2, VS3+
−0.3 V to VDD + 0.3 V
RTD, ADD
−0.3 V to VDD + 0.3 V
CS1, CS2+, CS2−
−0.3 V to VDD + 0.3 V
FLAGIN, PSON
−0.3 V to VDD + 0.3 V
SDA, SCL
−0.3 V to VDD + 0.3 V
SHAREo, SHAREi
−0.3 V to VDD + 0.3 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Peak Solder Reflow Temperature
SnPb Assemblies (10 sec to 30 sec)
240°C
RoHS-Compliant Assemblies
(20 sec to 40 sec)
260°C
ESD Charged Device Model
1.5 kV
ESD Human Body Model
3.5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
32-Lead LFCSP
44.4
6.4
°C/W
SOLDERING
It is important to follow the correct guidelines when laying out
the PCB footprint for the ADP1046 and when soldering the
part onto the PCB. For detailed information about these guide-
lines, see the AN-772 Application Note.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com