Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 72 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 68Page - Analog Devices ADP1046 Datasheet HTML 69Page - Analog Devices ADP1046 Datasheet HTML 70Page - Analog Devices ADP1046 Datasheet HTML 71Page - Analog Devices ADP1046 Datasheet HTML 72Page - Analog Devices ADP1046 Datasheet HTML 73Page - Analog Devices ADP1046 Datasheet HTML 74Page - Analog Devices ADP1046 Datasheet HTML 75Page - Analog Devices ADP1046 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 72 of 96
Table 86. Register 0x56—SR2 Rising Edge Setting (SR2 Pin)
Bits
Bit Name
R/W
Description
[7:4]
t11
R/W
These bits contain the four LSBs of the 12-bit t11 time. This value is always used with the eight
bits of Register 0x55, which contains the eight MSBs of the t11 time. Each LSB corresponds to 5 ns
resolution. The entire switching period is divided into 40 ns time steps. If the t_rise and t_fall of a
PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t_rise and t_fall
occur in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is tPERIOD − 5 ns. It is recommended that the SR2 rising edge not be set
between 80 ns and 115 ns when using the SR soft start.
3
Modulate enable
R/W
1 = PWM modulation acts on the t11 edge.
0 = no PWM modulation of the t11 edge.
2
t11 sign
R/W
1 = negative sign. Increase of PWM modulation moves t11 right.
0 = positive sign. Increase of PWM modulation moves t11 left.
[1:0]
Reserved
R/W
Reserved.
Table 87. Register 0x57—SR2 Falling Edge Timing (SR2 Pin)
Bits
Bit Name
R/W
Description
[7:0]
t12
R/W
This register contains the eight MSBs of the 12-bit t12 time. This value is always used with the top
four bits of Register 0x58, which contains the four LSBs of the t12 time. Each LSB corresponds to
5 ns resolution. The entire switching period is divided into 40 ns time steps. If the t_rise and t_fall
of a PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t_rise and
t_fall occur in different 40 ns time steps, the PWM output is set to the programmed value. The
absolute maximum pulse width is tPERIOD − 5 ns.
Table 88. Register 0x58—SR2 Falling Edge Setting (SR2 Pin)
Bits
Bit Name
R/W
Description
[7:4]
t12
R/W
These bits contain the four LSBs of the 12-bit t12 time. This value is always used with the eight
bits of Register 0x57, which contains the eight MSBs of the t12 time. Each LSB corresponds to 5 ns
resolution. The entire switching period is divided into 40 ns time steps. If the t_rise and t_fall of a
PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t_rise and t_fall
occur in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is tPERIOD − 5 ns.
3
Modulate enable
R/W
1 = PWM modulation acts on the t12 edge.
0 = no PWM modulation of the t12 edge.
2
t12 sign
R/W
1 = negative sign. Increase of PWM modulation moves t12 right.
0 = positive sign. Increase of PWM modulation moves t12 left.
[1:0]
Reserved
R/W
Reserved.
Table 89. Register 0x59—OUTAUX Rising Edge Timing (OUTAUX Pin)
Bits
Bit Name
R/W
Description
[7:0]
t13
R/W
This register contains the eight MSBs of the 12-bit t13 time. This value is always used with the top
four bits of Register 0x5A, which contains the four LSBs of the t13 time. Each LSB corresponds to
5 ns resolution. The entire switching period is divided into 40 ns time steps. If the t_rise and t_fall of
a PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t_rise and t_fall
occur in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is tPERIOD − 5 ns. Depending on the switching frequency and the OUTAUX
frequency, there is a constant lag/lead time between this edge and the other edges (t1 to t12); there-
fore, OUTAUX is not synchronized to the other PWM outputs but can be made synchronous by
adjusting the delay accordingly. If either the OUTAUX switching frequency (Register 0x3F) or the
PWM switching frequency (Register 0x40) is changed after edge adjustment, the synchronization
between OUTAUX and the PWM edges is no longer maintained. The OUTAUX delay must be adjusted
again to synchronize the edges to the PWM edges for the new set of switching frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com