Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 33Page - Analog Devices ADP1046 Datasheet HTML 34Page - Analog Devices ADP1046 Datasheet HTML 35Page - Analog Devices ADP1046 Datasheet HTML 36Page - Analog Devices ADP1046 Datasheet HTML 37Page - Analog Devices ADP1046 Datasheet HTML 38Page - Analog Devices ADP1046 Datasheet HTML 39Page - Analog Devices ADP1046 Datasheet HTML 40Page - Analog Devices ADP1046 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
Data Sheet
ADP1046
Rev. 0 | Page 37 of 96
I2C INTERFACE COMMUNICATION
The ADP1046 I2C slave is a 2-wire interface that can be used
to communicate with other I2C-compliant master devices and
is compatible in a multimaster, multislave bus configuration.
FEATURES
The function of the I2C slave is to decode the command sent from
the master device and respond as requested. Communication is
established using a 2-wire interface with a clock line (SCL) and
data line (SDA). The I2C slave is designed to externally move
chunks of 8-bit data (bytes) while maintaining compliance with
the I2C protocol, based on the Philips I2C Bus Specification,
Version 2.1, dated January 2000. The I2C protocol incorporates
the following features:
•
Slave operation on multiple device systems
•
7-bit addressing
•
100 kB/sec and 400 kB/sec data rates
•
General call address support
•
Support for clock low extension (clock stretching)
•
Separate multiple byte receive and transmit FIFO
•
Extensive communication fault monitoring
OVERVIEW
The I2C slave module is a 2-wire interface that can be used to
communicate with other I2C-compliant master devices. Its trans-
fer protocol is based on the Philips I2C transfer mechanism. The
ADP1046 is always configured as a slave device in the overall
system. The ADP1046 communicates with the master device
using one data pin (SDA) and one clock pin (SCL). Because the
ADP1046 is a slave device, it cannot generate the clock signal.
However, it is capable of stretching the SCL line to put the
master device in a wait state when it is not ready to respond
to the master’s request.
Communication is initiated when the master device sends a
command to the I2C slave device. Commands can be read or
write commands, in which case data is transferred between the
devices in a byte-wide format. Commands can also be send
commands, in which case the command is executed by the slave
device upon receiving the stop bit. The stop bit is the last bit in
a complete data transfer, as defined in the I2C communication
protocol. During communication, the master and slave devices
send acknowledge (A) or no acknowledge (NA) bits as a method
of handshaking between devices. Refer to the Philips I2C Bus
Specification, Version 2.1, dated January 2000, for a more detailed
description of the communication protocol.
I2C ADDRESS
The I2C address of the ADP1046 is set by connecting an
external resistor from the ADD pin to AGND. Table 6 lists the
recommended resistor values and the associated I2C addresses.
Seven different addresses can be used.
The recommended resistor values in Table 6 must be 1%
tolerance resistors.
Table 6. Recommended Resistor Values for I2C Addresses
I2C Address
Resistor Value (kΩ)
0x50
10 (or connect the ADD pin directly to AGND)
0x51
28.7
0x52
48.7
0x53
68.1
0x54
88.7
0x55
109
0x57
200 (or connect the ADD pin directly to VDD)
DATA TRANSFER
Format Overview
The I2C slave follows the transfer protocol of the Philips I2C Bus
Specification. Data transfers are byte-wide, lower byte first. Each
byte is transmitted serially, most significant bit (MSB) first. A
typical transfer is shown in Figure 45.
S
7-BIT SLAVE
ADDRESS
W
A
A
...
P
8-BIT
DATA
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
Figure 45. Basic Data Transfer
Figure 45 to Figure 52 use the following abbreviations:
•
S = start condition
•
Sr = repeated start condition
•
P = stop condition
•
R = read bit
•
W = write bit
•
A = acknowledge bit (0)
•
NA = no acknowledge bit (1)
Refer to the I2C specification for an in-depth discussion of the
transfer protocols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com