Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 21Page - Analog Devices ADP1046 Datasheet HTML 22Page - Analog Devices ADP1046 Datasheet HTML 23Page - Analog Devices ADP1046 Datasheet HTML 24Page - Analog Devices ADP1046 Datasheet HTML 25Page - Analog Devices ADP1046 Datasheet HTML 26Page - Analog Devices ADP1046 Datasheet HTML 27Page - Analog Devices ADP1046 Datasheet HTML 28Page - Analog Devices ADP1046 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
Data Sheet
ADP1046
Rev. 0 | Page 25 of 96
CURRENT SHARING (SHARE)
The ADP1046 supports both analog current sharing and digital
current sharing. The ADP1046 can use either the CS1 current
information or the CS2 current information for current sharing
(this setting is programmed in Register 0x29[3]).
Analog Current Sharing
Analog current sharing uses the internal current sensing
circuitry to provide a current reading to an external current
error amplifier. Therefore, an additional differential current
amplifier is not necessary.
The current reading from CS1 or CS2 can be output to the
SHAREo pin in the form of a digital bit stream, which is the
output of the current sense ADC (see Figure 32). The bit stream
is proportional to the current delivered by this unit to the load.
By filtering this digital bit stream using an external RC filter, the
current information is turned into an analog voltage that is
proportional to the current delivered by this unit to the load. This
voltage can be compared to the share bus voltage. If the unit is not
supplying enough current, an error signal can be applied to the
VS3± feedback point. This signal causes the unit to increase its
output voltage and, in turn, its current contribution to the load.
Digital Share Bus
The digital share bus scheme is similar in principle to the tradi-
tional analog share bus scheme. The difference is that instead of
using a voltage on the share bus to represent current, a digital
word is used.
The ADP1046 outputs a digital word onto the share bus. The
digital word is a function of the current that the power supply is
providing (the higher the current, the larger the digital word).
The power supply with the highest current controls the bus
(master). A power supply that is putting out less current (slave)
sees that another supply is providing more power to the load
than it is.
During the next cycle, the slave increases its current output contri-
bution by increasing its output voltage. This cycle continues
until the slave outputs the same current as the master, within
a programmable tolerance range. Figure 31 shows the configu-
ration of the digital share bus.
DIGITAL
WORD
SHARE
BUS
CURRENT SENSE
INFO
SHAREi
SHAREo
POWER SUPPLY A
DIGITAL
WORD
CURRENT SENSE
INFO
SHAREi
SHAREo
POWER SUPPLY B
VDD
Figure 31. Digital Current Share Configuration
The digital share bus is based on a single-wire communication
bus principle; that is, the clock and data signals are contained
together.
When two or more ADP1046 devices are connected, they syn-
chronize their share bus timing. This synchronization is performed
by the start bit at the beginning of a communications frame. If a
new ADP1046 is hot-swapped onto an existing digital share bus,
the device waits to begin sharing until the next frame. The new
ADP1046 monitors the share bus until it sees a stop bit, which
designates the end of a share frame. It then performs synchroni-
zation with the other ADP1046 devices during the next start bit.
The digital share bus frame is shown in Figure 33.
CURRENT
SENSE
ADC
SHARE
BUS
LPF
BIT STREAM
BIT STREAM
SHAREo
VOLTAGE
CURRENT
CS2–
CS2+
Figure 32. Analog Current Share Configuration
8-BIT DATA
PREVIOUS
FRAME
START BIT
0
2 STOP BITS
(IDLE)
START BIT
0
2 STOP BITS
(IDLE)
NEXT FRAME
FRAME
Figure 33. Digital Current Share Frame Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com