Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 42Page - Analog Devices ADP1046 Datasheet HTML 43Page - Analog Devices ADP1046 Datasheet HTML 44Page - Analog Devices ADP1046 Datasheet HTML 45Page - Analog Devices ADP1046 Datasheet HTML 46Page - Analog Devices ADP1046 Datasheet HTML 47Page - Analog Devices ADP1046 Datasheet HTML 48Page - Analog Devices ADP1046 Datasheet HTML 49Page - Analog Devices ADP1046 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 46 of 96
Address
Register Name
0x2F
OTP threshold
0x30
OrFET
Voltage Sense Registers
0x31
VS3 voltage setting (remote voltage)
0x32
VS1 overvoltage limit (OVP)
0x33
VS2 and VS3 overvoltage limit (OVP)
0x34
VS1 undervoltage limit (UVP)
0x35
Line impedance limit
0x36
Load line impedance
0x37
Fast OVP comparator
0x38
VS1 trim
0x39
VS2 trim
0x3A
VS3 trim
0x3B
Light load mode disable settings
ID Registers
0x3C
Silicon revision ID
0x3D
Manufacturer ID
0x3E
Device ID
PWM and Synchronous Rectification Timing Registers
0x3F
OUTAUX switching frequency setting
0x40
PWM switching frequency setting and PWM switching frequency setting in resonant mode
0x41
OUTA rising edge timing (OUTA pin) and OUTA rising edge dead time in resonant mode
0x42
OUTA rising edge setting (OUTA pin) and lowest switching frequency limit setting in resonant mode
0x43
OUTA falling edge timing (OUTA pin) and OUTA falling edge dead time in resonant mode
0x44
OUTA falling edge setting (OUTA pin) and lowest switching frequency limit setting in resonant mode
0x45
OUTB rising edge timing (OUTB pin) and OUTB rising edge dead time in resonant mode
0x46
OUTB rising edge setting (OUTB pin) and highest switching frequency limit setting in resonant mode
0x47
OUTB falling edge timing (OUTB pin) and OUTB falling edge dead time in resonant mode
0x48
OUTB falling edge setting (OUTB pin) and highest switching frequency limit setting in resonant mode
0x49
OUTC rising edge timing (OUTC pin) and OUTC rising edge dead time in resonant mode
0x4A
OUTC rising edge setting (OUTC pin) and burst mode operation in resonant mode
0x4B
OUTC falling edge timing (OUTC pin) and OUTC falling edge dead time in resonant mode
0x4C
OUTC falling edge setting (OUTC pin)
0x4D
OUTD rising edge timing (OUTD pin) and OUTD rising edge dead time in resonant mode
0x4E
OUTD rising edge setting (OUTD pin)
0x4F
OUTD falling edge timing (OUTD pin) and OUTD falling edge dead time in resonant mode
0x50
OUTD falling edge setting (OUTD pin)
0x51
SR1 rising edge timing (SR1 pin) and SR1 rising edge dead time in resonant mode
0x52
SR1 rising edge setting (SR1 pin)
0x53
SR1 falling edge timing (SR1 pin) and SR1 falling edge dead time in resonant mode
0x54
SR1 falling edge setting (SR1 pin)
0x55
SR2 rising edge timing (SR2 pin) and SR2 rising edge dead time in resonant mode
0x56
SR2 rising edge setting (SR2 pin)
0x57
SR2 falling edge timing (SR2 pin) and SR2 falling edge dead time in resonant mode
0x58
SR2 falling edge setting (SR2 pin)
0x59
OUTAUX rising edge timing (OUTAUX pin)
0x5A
OUTAUX rising edge setting (OUTAUX pin)
0x5B
OUTAUX falling edge timing (OUTAUX pin)
0x5C
OUTAUX falling edge setting (OUTAUX pin)
0x5D
OUTx and SRx pin disable settings
0x5E
ACSNS gain trim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com