Electronic Components Datasheet Search
  English  ▼

X  

ADP1046 Datasheet(PDF) 45 Page - Analog Devices

Part # ADP1046
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADP1046 Datasheet HTML 41Page - Analog Devices ADP1046 Datasheet HTML 42Page - Analog Devices ADP1046 Datasheet HTML 43Page - Analog Devices ADP1046 Datasheet HTML 44Page - Analog Devices ADP1046 Datasheet HTML 45Page - Analog Devices ADP1046 Datasheet HTML 46Page - Analog Devices ADP1046 Datasheet HTML 47Page - Analog Devices ADP1046 Datasheet HTML 48Page - Analog Devices ADP1046 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
Data Sheet
ADP1046
Rev. 0 | Page 45 of 96
REGISTER LISTING
Table 7. Register List
Address
Register Name
Fault Registers
0x00
Fault Register 1
0x01
Fault Register 2
0x02
Fault Register 3
0x03
Fault Register 4
0x04
Latched Fault Register 1
0x05
Latched Fault Register 2
0x06
Latched Fault Register 3
0x07
Latched Fault Register 4
0x08
Fault Configuration Register 1
0x09
Fault Configuration Register 2
0x0A
Fault Configuration Register 3
0x0B
Fault Configuration Register 4
0x0C
Fault Configuration Register 5
0x0D
Fault Configuration Register 6
0x0E
Flag configuration
0x0F
Soft start blank fault flags
Value Registers
0x10
First flag ID
0x11
RTD current source
0x12
HF ADC reading
0x13
CS1 value (input current)
0x14
ACSNS value
0x15
VS1 voltage value
0x16
VS2 voltage value
0x17
VS3 voltage value (output voltage)
0x18
CS2 value (output current)
0x19
CS2 × VS3 value (output power)
0x1A
RTD temperature value
0x1B
Read temperature
0x1C
RTD offset trim (MSB)
0x1D
Share bus value
0x1E
Modulation value
0x1F
Line impedance value
0x20
RTD offset trim (LSBs)
Current Sense and Current Limit Registers
0x21
CS1 gain trim
0x22
CS1 accurate OCP limit
0x23
CS2 gain trim
0x24
CS2 analog offset trim
0x25
CS2 digital offset trim
0x26
CS2 accurate OCP limit
0x27
CS1/CS2 fast OCP settings
0x28
Volt-second balance settings
0x29
Share bus bandwidth
0x2A
Share bus setting
0x2B
Temperature gain trim
0x2C
PSON/soft start
0x2D
PGOOD debounce and pin polarity settings
0x2E
Modulation limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com