Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
35
NODE LIST
A summary of the capabilities of each node is given in Table 3 below:
NID
NAME
WIDGET TYPE
DESCRIPTION
00h
Root
Root
Provides Vendor ID, Device ID, and NID of the AFG.
01h
AFG
Audio Function Group
Provides the number of Widget Nodes, and NID of first
Widget Node. Describes CODEC Audio capabilities.
02h
ADC1
Audio Input Converter
Supports sample rates from 8kHz to 96kHz, and sample
sizes from 16-bits to 24-bits.
03h
MIC1
Audio Input Converter
Supports sample rates from 8kHz to 48kHz, and sample
sizes from 16-bits to 24-bits.
04h
S/PDIF Tx 1
Audio Output Converter
Supports sample rates from 32kHz to 192kHz, and
sample sizes from 16-bits to 32-bits. Includes a fully
asynchronous SRC.
05h
S/PDIF Rx
Audio Input Converter
As S/PDIF Tx 1, plus error detection.
06h
DAC1
Audio Output Converter
Supports sample rates from 8kHz to 192kHz, and
sample sizes from 16-bits to 24-bits. Supports digital
attenuation from 0dB to -63.5 dB in 0.5 dB steps.
07h
DAC2
Audio Output Converter
As DAC1.
08h
DAC3
Audio Output Converter
As DAC1.
09h
MIC1 Mux
Audio Selector
Selects between Digital Mic (Port-D), and Analogue Mic
(Port-B).
0Ah
PGA1
Audio Selector
Supports a gain range of -12dB to +12 dB in 0.5dB
steps.
0Bh
PGA2
Selector
As PGA1.
0Ch
Port-E
Pin Complex
Line Input (VIN1) with presence detection.
0Dh
Port-B
Pin Complex
Analogue Mic Input (VIN2) with pre-amplifier (0dB,
+10dB, +20dB, +30dB), configurable VREF, presence
detection and custom impedance sensing scheme.
0Eh
Port-D
Pin Complex
Digital Mic Input (DMIC1) with gain (-12dB to +32dB in
0.5dB steps).
0Fh
S/PDIF Out
Pin Complex
S/PDIF Output with presence detection.
10h
S/PDIF In
Pin Complex
S/PDIF Input with presence detection
(Note 1) plus lock and
rate detection.
11h
Port-A
Pin Complex
Ground-referenced headphone/line out (VOUT1) with
presence detection.
12h
Port-G
Pin Complex
Differential line out (VOUT2) with presence detection.
13h
Port-F
Pin Complex
Differential line out (VOUT3) with presence detection.
14h
Beep
Beep Generator
Generates a configurable tone that can be muxed into
DAC audio paths. Supports a gain range 0dB to -24dB in
6dB steps.
15h
MIC2
Audio Input Converter
Supports sample rates from 8kHz to 48kHz, and sample
sizes from 16-bits to 24-bits.
16h
Port-H
Pin Complex
Digital Mic Input (DMIC2) with gain (-12 dB to 32dB in
0.5 dB steps). Output port for S/PDIF Tx 2.
17h
S/PDIF Tx 2
Audio Output Converter
Supports sample rates from 32kHz to 192kHz, and
sample sizes from 16-bits to 32-bits.
Table 3 Node List
Notes:
1.
The Pin Sense Verb in the SPDIF_IN node does not convey presence detect information, and is used to convey the
status of the SPDIF Rx Lock flag.
2.
All Widget Nodes are as defined in the HDA specification; there are no vendor defined widgets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com