Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 223 page
background image
WM8850
Pre-Production
w
PP, April 2011, Rev 3.2
46
SET VERB
BIT
BITFIELD
NAME
DEFAULT
DESCRIPTION
7B2h
7B3h
13:0
Terminal
Count
1FFFh
Set the period of the zero detect timeout clock:
0000h = Timeout disabled
0001h to 03FFh = Reserved
0400h = 1025 x 20.833µs (21.3ms)
0401h = 1026 x 20.833µs (21.4ms)
…
1FFFh = 8192 × 20.833µs (171ms)
…
3FFFh = 16384 × 20.833µs (341ms)
Note: The timeout clock uses the SYNC signal
from the HDA interface, so the absolute value
of the timeout period will depend on the
absolute accuracy of the SYNC signal.
MIC1 MUX (NID = 09h)
Table 13 gives a summary of the MIC1 Mux node:
NODE SUMMARY INFORMATION
NID
09h
Widget Type
Audio Selector
Supported Get Verbs
F00h, F01h, F02h
Supported Set Verbs
701h
Unsolicited Responses
None
Table 13 MIC1 Mux Node Summary Information
MIC1 Mux is used to select the source of the input to the MIC1 node. This can be either from the
analogue microphone input path (from PGA2), or from the digital microphone path (from Port-D).
When the MIC1 Mux is selecting the digital microphone input (Port-D) the WM8850 is automatically
configured to bypass the analogue to digital converter part of the MIC1 node (NID = 03h).
There are no vendor-specific verbs associated with the MIC1 Mux node.
MIC1 (NID = 03H)
Table 14 gives a summary of the MIC1 node:
NODE SUMMARY INFORMATION
NID
02h
Widget Type
Audio Input Converter
Supported Get Verbs
Ah, F00h, F02h, F03h, F05h, F06h, F08h, F8Eh, FB1h
Supported Set Verbs
2h, 703h, 705h, 706h, 708h, 78Eh, 7B1h
Unsolicited Responses
Stream Drop
Vendor-Specific Verbs
F8Eh, 78Eh : Unsolicited Response Priority Control Verb
FB1h, 7B1h : Channel Copy Verb
Table 14 MIC1 Node Summary Information
MIC1 contains a high performance stereo ADC intended for capture of microphone inputs to the
WM8850. MIC1 supports all common sample rates from 8kHz to 48kHz and data widths of 16, 20, 24
and 32-bit (Float-32). The actual processing used by this node is dependant on the type of input
received from the MIC1 Mux (NID = 09h), as the input to MIC1 may come from either an analogue or
digital microphone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com