Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 223 page
background image
WM8850
Pre-Production
w
PP, April 2011, Rev 3.2
80
NID
NODE
NAME
UNSOLICITED RESPONSE
BIT
FLAG NAME
DESCRIPTION
04h S/PDIF TX 1 [31:26]
Tag
A software programmable tag value. The default value is equal to
the Node ID. Other values can be configured using the Unsolicited
Response Verb.
[25:3]
Rsvd
Reserved
[2]
EF_STREAM_ERR
Indicates that an error has occurred in the transfer of data from the
HDA Link to the Stream Manager.
Assertion of the flag triggers an Unsolicited Response.
The flag rescinds at the end of the present HDA frame.
[1:0]
SF_SRC2
Indicates that the lock status of SRC2 has changed, and reports
the new lock status.
A change in status triggers an Unsolicited Response.
The status value is also accessible through the Get SRC Verb.
05h
S/PDIF Rx
[31:26]
Tag
A software programmable tag value. The default value is equal to
the Node ID. Other values can be configured using the Unsolicited
Response Verb.
[25:11]
Rsvd
Reserved
[10]
EF_STREAM_DROP
Indicates that the stream associated with the S/PDIF Rx node has
been dropped due to the bandwidth of the SDI line being
oversubscribed.
Assertion of the flag triggers an Unsolicited Response.
The flag is cleared when the Stream ID is written to.
[9]
EF_SAMPLE_DROP
Indicates that additional samples (due to the recovered S/PDIF
rate being faster than the nominal rate) have been dropped due to
the bandwidth of the SDI line being oversubscribed.
Assertion of the flag triggers an Unsolicited Response.
The flag is cleared at the end of the present HDA frame.
[8:7]
SF_SRC1
Indicates that the lock status of SRC1 has changed, and reports
the new lock status.
A change in status triggers an Unsolicited Response.
The status value is also accessible through the Get SRC Verb.
[6]
UF_CSUD_DC
Indicates that there has been a change to one of the bits in the
Digital Converter register.
A change in status triggers an Unsolicited Response.
The status values are accessible through the Get Digital Converter
Verb.
[5:4]
SF_V_DC
Indicates that the validity bit has changed value.
A change in status triggers an Unsolicited Response.
The status value is also accessible through the Get Digital
Converter Verb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com