Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
85
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
DETAILED VERB DESCRIPTIONS
This section provides full verb information on each node in the WM8850. For verbs defined as part of
the High Definition Audio Specification Revision 1.0 this is the only information provided. For vendor-
specific verbs, more detailed explanation of the function is provided in the main text of the datasheet
above.
ROOT NODE (NID = 00H)
Verb ID
Payload [7:0]
Response[31:0]
Get
F00h
Parameter ID (PID)
Parameter Value
Vendor ID Response Format (PID = 00h)
Bit
Bitfield Name
RW
Default
Description
[31:16]
Vendor ID
R
1AECh
Vendor ID
[15:0]
Device ID
R
8800h
Device ID = WM8800
Revision ID Response Format (PID = 02h)
Bit
Bitfield Name
RW
Default
Description
[31:24]
Rsvd
R
00h
Reserved
[23:20]
MajRev
R
1h
Major revision number (left of the decimal) of the HDA Specification to
which the WM8850 is fully compliant
[19:16]
MinRev
R
0h
Minor revision number (right of the decimal) of the HDA Specification to
which the WM8850 is fully compliant
[15:8]
Revision ID
R
-
Wolfson’s revision number for this device
[7:0]
Stepping ID
R
-
Optional stepping number within the Revision ID
Subordinate Node Count Response Format (PID = 04h)
Bit
Bitfield Name
RW
Default
Description
[31:24]
Rsvd
R
00h
Reserved
[23:16]
Starting NID
R
01h
Starting NID of the first function group
[15:8]
Rsvd
R
00h
Reserved
[7:0]
Total Nodes
R
1h
Total number of function group nodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com