Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 223 page
background image
WM8850
Pre-Production
w
PP, April 2011, Rev 3.2
22
Test Conditions
AVDD = CPVDD = 5V, DBVDD = 3.3V, DCVDD = 1.8V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
S/PDIF Receiver Specification
Input Signal Level
IEC-60958 Compatible Input Mode
200
500
mVp-p
Input Signal Logic High
VIH(S/PDIF)
Normal CMOS Compatible Input Mode
0.7 *
DBVDD
V
Low-Amplitude CMOS Compatible Input Mode
0.4 *
DBVDD
1.8
V
Input Signal Logic Low
VIL(S/PDIF)
Normal CMOS Compatible Input Mode
0.3 *
DBVDD
V
Low-Amplitude CMOS Compatible Input Mode
DBVDD
x 0.2
V
Input Pin Bias Voltage
IEC-60958 Compatible Input Mode
0.5 *
DCVDD
V
Input Impedance
ZIN
IEC-60958 Compatible Input Mode
7.5
kΩ
Normal CMOS Compatible Input Mode
100
kΩ
Input Hysteresis
IEC-60958 Compatible Input Mode
50
mV
Normal CMOS Compatible Input Mode
300
mV
Low-Amplitude CMOS Compatible Input Mode
150
mV
Input Sample Rate Lock
Tolerance
Includes maximum reference clock error of
±0.025% as allowed by HDA Specification
10000
ppm
-1
+1
%
Lock Delay
3
192
Frame
Blocks
S/PDIF Stream Jitter
Tolerance
UI = 1/fs(in)
10
UI
Input Sample Rate
Support
32
44.1
48
88.2
96
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com