Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
53
PORT-A (NID = 11H)
Table 22 gives a summary of the Port-A node:
NODE SUMMARY INFORMATION
NID
11h
Widget Type
Pin Complex
Supported Get Verbs
F00h, F02h, F07h, F08h, F09h, F1Ch, F8Eh
Supported Set Verbs
707h, 708h, 709h, 71Ch, 71Dh, 71Eh, 71Fh, 78Eh
Unsolicited Responses
Presence Detect
Vendor-Specific Verbs
F8Eh, 78Eh : Unsolicited Response Priority Control Verb
Table 22 Port-A Node Summary Information
Port-A contains a ground-referenced headphone driver which negates the requirement for large AC-
coupling capacitors commonly required for headphone applications.
The headphone driver is
powered by an on-board charge pump which generates the required positive and negative supply
voltages. Configuration of this block is handled automatically by the WM8850, and the required
external components to enable optimum performance of the charge pump are given in the
“Applications Information” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com