Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 223 page
background image
WM8850
Pre-Production
w
PP, April 2011, Rev 3.2
82
NID
NODE
NAME
UNSOLICITED RESPONSE
BIT
FLAG NAME
DESCRIPTION
0Ch
Port-E
[31:26]
Tag
A software programmable tag value. The default value is equal to
the Node ID. Other values can be configured using the Unsolicited
Response Verb.
[25:2]
Rsvd
Reserved
[1:0]
SF_PD
Indicates that the Presence Detect value (in the Pin Sense Verb)
has changed.
A change in status triggers an Unsolicited Response (when the
AFG is in power state D0, D1, D2) or it triggers a power state
change request (when the AFG is in power state D3).
The status value is also accessible through the Get Pin Sense
Verb.
0Dh
Port-B
[31:26]
Tag
A software programmable tag value. The default value is equal to
the Node ID. Other values can be configured using the Unsolicited
Response Verb.
[25:3]
Rsvd
Reserved
[2]
EF_IMP
Indicates that the Impedance Sense value is ready.
Assertion of the flag triggers an Unsolicited Response.
The flag is cleared on an issue of a Get Pin Sense Verb.
[1:0]
SF_PD
Indicates that the Presence Detect value (in the Pin Sense Verb)
has changed.
A change in status triggers an Unsolicited Response (when the
AFG is in power state D0, D1, D2) or it triggers a power state
change request (when the AFG is in power state D3).
The status value is also accessible through the Get Pin Sense
Verb.
0Fh
S/PDIF Out [31:26]
Tag
A software programmable tag value. The default value is equal to
the Node ID. Other values can be configured using the Unsolicited
Response Verb.
[25:2]
Rsvd
Reserved
[1:0]
SF_PD
Indicates that the Presence Detect value (in the Pin Sense Verb)
has changed.
A change in status triggers an Unsolicited Response (when the
AFG is in power state D0, D1, D2) or it triggers a power state
change request (when the AFG is in power state D3).
The status value is also accessible through the Get Pin Sense
Verb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com