Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
79
UNSOLICITED RESPONSE DEFINITIONS
Table 34 gives a summary of the definitions of the Unsolicited Responses from each node in the
WM8850. Note that these responses are generated only when the node is set to generate them,
using the Unsolicited Reponse Verb as defined in the HDA specification.
NID
NODE
NAME
UNSOLICITED RESPONSE
BIT
FLAG NAME
DESCRIPTION
01h
AFG
[31:26]
Tag
A software programmable tag value. The default value is equal to
the Node ID. Other values can be configured using the Unsolicited
Response Verb.
[25:4]
Rsvd
Reserved
[3:2]
SF_GPIO2
Indicates that the value on GPIO2 (configured as an input) has
changed, and reports new status value.
When the AFG is in power state D0, D1 or D2, a change in GPIO
status triggers an Unsolicited Response.
When the AFG is in power state D3, a change in GPIO status
triggers a power state change request.
Note that the status value is also accessible through the Get GPIO
Data Verb.
[1:0]
SF_GPIO1
Indicates that the value on GPIO1 (configured as an input) has
changed, and reports new status value.
When the AFG is in power state D0, D1 or D2, a change in GPIO
status triggers an Unsolicited Response.
When the AFG is in power state D3, a change in GPIO status
triggers a power state change request.
Note that the status value is also accessible through the Get GPIO
Data Verb.
02h
ADC1
[31:26]
Tag
A software programmable tag value. The default value is equal to
the Node ID. Other values can be configured using the Unsolicited
Response Verb.
[25:1]
Rsvd
Reserved
[0]
EF_STREAM_DROP
Indicates that the stream associated with the ADC1 node has been
dropped due to the bandwidth of the SDI line being
oversubscribed.
Assertion of the flag triggers an Unsolicited Response.
The flag is cleared when the Stream ID is written to.
03h
MIC1
[31:26]
Tag
A software programmable tag value. The default value is equal to
the Node ID. Other values can be configured using the Unsolicited
Response Verb.
[25:1]
Rsvd
Reserved
[0]
EF_STREAM_DROP
Indicates that the stream associated with the MIC1 node has been
dropped due to the bandwidth of the SDI line being
oversubscribed.
Assertion of the flag triggers an Unsolicited Response.
The flag is cleared when the Stream ID is written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com