Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 223 page
background image
WM8850
Pre-Production
w
PP, April 2011, Rev 3.2
52
SAMPLE RATE
BASE
MULT
DIV
8kHz
0h
0h
5h
11.025kHz
1h
0h
3h
16kHz
0h
0h
2h
22.05kHz
1h
0h
1h
24kHz
0h
0h
1h
32kHz
0h
1h
2h
44.1kHz
1h
0h
0h
48kHz
0h
0h
0h
88.2kHz
1h
1h
0h
96kHz
0h
1h
0h
176.4kHz
1h
3h
0h
192kHz
0h
3h
0h
Table 21 DAC1 Supported Sample Rate Settings
Note: Other settings of Base, Mult and Div are reserved and should not be set.
DAC1 provides digital gain, allowing the signal level to be adjusted between 0dB and −63.5dB in
0.5dB steps. Gain can be applied to left and right channels independently if required. Additionally, a
digital softmute function is available – again this can be applied to separate channels as required.
The gain of DAC1 is controlled using the Amplifier Gain/Mute Verb.
Note: When Port-A is configured to drive headphones (H-Phn Enable = 1) the actual gain settings
applied will be adjusted by a further −8.0dB. This changes the effective gain range to −71.5dB to
−8.0dB.
Under default conditions, the DAC1 node will process data received from the HDA interface. It is also
possible to select S/PDIF Rx as the data source, using the vendor-specific Internal Path Verb.
Note that, when the S/PDIF Rx node is selected as the input to any of DAC1, DAC2 or DAC3, the
Internal Path Verbs in all the other DAC nodes are updated to use the S/PDIF Rx node also. It is not
possible to route the HDA Link to any DAC at the same time as routing the S/PDIF Rx node to
another DAC.
When the S/PDIF Rx node is selected as the input to the DAC nodes, the Stream Format Verb for
each DAC node becomes read-only and is set according to the settings in the S/PDIF Rx node.
SET VERB
BIT
BITFIELD
NAME
DEFAULT
DESCRIPTION
773h
7:0
Path Sel
00h
Selects source of DAC1 node:
00h = DAC1 takes data from HDA Link
05h = DAC1 takes data from S/PDIF Rx
All other values of Path Sel are reserved.
Note: When using the Internal Path Verb to use S/PDIF Rx as the data source of DAC1 it is
recommended that the S/PDIF Rx node (NID=05h) is enabled after setting Path Sel=05h. Failure to
do so may result in a one sample delay between left and right channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com