Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 223 page
background image
WM8850
Pre-Production
w
PP, April 2011, Rev 3.2
44
The supported input configurations are described in Table 11 below:
BTL
DIFFERENTIAL
MODE
MODE
ACTIVE PINS
NOTES
0
X
Single Ended
VIN2LP
VIN2RP
Input impedance varies with
gain setting – minimum 10kΩ
Suitable for microphone or
line level signals
1
0
Differential
(Microphone)
VIN2LP
VIN2LN
VIN2RP
VIN2RN
Input impedance does not
vary with gain setting –
typically 120kΩ
Suitable for microphone (low-
level) signals only
1
1
Pseudo-Differential
VIN2LP
VIN2LN
VIN2RP
VIN2RN
Input impedance varies with
gain setting – minimum 10kΩ
Suitable for microphone or
line level signals
Table 11 Port-B Configuration Options
See Figure 8 for examples of the external connections required in each of the supported input
configurations.
Figure 8 Port-B Example External Connections (one channel shown)
A microphone pre-amplifier is available as part of the Port-B node. This amplifier can be used to
boost microphone inputs by +10dB, +20dB or +30dB. Alternatively, the gain of the pre-amplifier can
be set to 0dB. It is not possible to use different gain settings for the left and right channels, and the
pre-amplifier does not support mute. The microphone pre-amplfier is controlled by the Amplifier
Gain/Mute Verb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com