Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
41
PGA1 uses an internal zero cross detect circuit to ensure that all gain changes occur while the signal
passes through the zero point. This function eliminates any potential DC steps that can occur if gain
changes are applied at other times, and therefore the potential for zipper noise is removed. If no zero
cross occurs within a specified time after the gain change is requested via a register write a timeout
period will elapse and the gain will be changed regardless. This timeout period can be changed using
the vendor-specific PGA Control Verb:
SET VERB
BIT
BITFIELD
NAME
DEFAULT
DESCRIPTION
7B2h
7B3h
13:0
Terminal
Count
1FFFh
Set the period of the zero detect timeout clock:
0000h = Timeout disabled
0001h to 03FFh = Reserved
0400h = 1025 x 20.833µs (21.3ms)
0401h = 1026 x 20.833µs (21.4ms)
…
1FFFh = 8192 × 20.833µs (171ms)
…
3FFFh = 16384 × 20.833µs (341ms)
Note: The timeout clock uses the SYNC signal
from the HDA interface, so the absolute value
of the timeout period will depend on the
absolute accuracy of the SYNC signal.
ADC1 (NID = 02h)
Table 8 gives a summary of the ADC1 node:
NODE SUMMARY INFORMATION
NID
02h
Widget Type
Audio Input Converter
Supported Get Verbs
Ah, F00h, F02h, F03h, F05h, F06h, F08h, F8Eh, FB1h
Supported Set Verbs
2h, 703h, 705h, 706h, 708h, 78Eh, 7B1h
Unsolicited Responses
Stream Drop
Vendor-Specific Verbs
F8Eh, 78Eh : Unsolicited Response Priority Control Verb
FB1h, 7B1h : Channel Copy Verb
Table 8 ADC1 Node Summary Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com