Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
11
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given
under Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Analogue supply voltage (AVDD)
-0.3V
+7V
Charge pump supply voltage (CPVDD)
-0.3V
+7V
Digital core supply voltage (DCVDD)
-0.3V
+2.5V
Digtial buffer supply voltage (DBVDD)
-0.3V
+7V
Voltage range digital inputs
DGND -0.3V
DBVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Operating temperature range, TA
-40ºC
+85ºC
Junction temperature, TJMAX
-40ºC
+150ºC
Storage temperature after soldering
-65ºC
+150ºC
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CODEC Power Supplies
Digital core supply range
DCVDD
1.62
1.8
1.98
V
Digital buffer supply range
DBVDD
2.97
3.3
3.63
V
Analogue supply range
AVDD
4.5
5.0
5.25
V
Charge pump supply range
CPVDD
4.5
5.0
5.25
V
Ground
DGND, AGND, HPGND
0
V
Notes:
1.
Analogue and digital grounds must always be within 0.3V of each other.
2.
All digital and analogue supplies are completely independent from each other (i.e. not internally connected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com