Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 324 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 324 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 320Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 321Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 322Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 323Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 324Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 325Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 326Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 327Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 328Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
324
29.4.2
DC-DC (STEP-UP) CONVERTER - CONSTANT CURRENT MODE
Constant current mode is selected by setting DC2_FBSRC[1:0] = 01, as described in Section 14.6.4.
This results in the DC Converter controlling the current at ISINKA. The recommended connections to
the DC-DC (Step-Up) Converter in this mode are illustrated in Figure 90.
Figure 90 DC-DC (Step-Up) Converter External Components - Constant Current Mode
In the constant current mode, the DC-DC Converter output voltage is controlled by the WM8351 in
order to achieve the required current in ISINKA. The required current is set by the CS1_ISEL register
field, as described in Section 16.2.2. A typical application for this mode would be a white LED driver,
where several LEDs are connected in series to achieve uniform brightness.
The DC-DC (Step-Up) Converters are capable of generating output voltages of up to 30V. The
maximum output voltage is determined by the two external resistors R1 and R2, which form a
resistive divider between load connection and the voltage feedback pin FB2 or FB5.
The choice of resistors R1 and R2 follows the same equations as for the constant voltage mode (see
Section 29.4.1). Note that, in constant current mode, the resistors determine the maximum output
voltage. The actual voltage will be determined by the selected ISINK current, subject to the device
limits.
The choice of Capacitors, Inductor and FET in constant current mode is the same as for the constant
voltage mode; see Section 29.4.4 for specific recommended component details.
When ISINKA is used in conjunction with DC-DC Converter 2, the ISINK should always be switched
on before the DC-DC Converter is switched on. Conversely, the DC-DC Converter should always be
switched off before the ISINK is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com