Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 325 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 325 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 321Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 322Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 323Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 324Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 325Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 326Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 327Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 328Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 329Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
325
29.4.3
DC-DC (STEP-UP) CONVERTER - USB MODE
USB mode is selected by setting DC2_FBSRC[1:0] = 11 as described in Section 14.6.4. This mode
generates a 5V output, suitable for USB interfaces. The recommended connections to the DC-DC
(Step-Up) Converter in this mode are illustrated in Figure 91.
Figure 91 DC-DC (Step-Up) Converter External Components - USB Mode
In the USB mode, the DC-DC (Step-Up) Converter uses an internal resistor chain to control the output
voltage. This results in a fixed 5V output, suitable for USB interfaces.
The DC-DC (Step-Up) Converter may be configured as USB OTG supplement by setting USB_MSTR
= 1 as described in Section 17.4. (The DC-DC Converter USB mode must also be selected by setting
DC2_FBSRC[1:0] = 11). The output of the DC-DC Converter should be connected to the USB pin in
order to provide voltage feedback.
The choice of Capacitors, Inductor and FET in constant current mode is the same as for the constant
voltage mode; see Section 29.4.4 for specific recommended component details.
29.4.4
DC-DC (STEP-UP) CONVERTER RECOMMENDED COMPONENTS
Wolfson recommends the following external components for use with DC-DC Converter 2. Note that
the choice of output capacitor should be determined as described in Section 29.4.1.
COMPONENT
VALUE
PART NUMBER
SIZE
L
10
H
Taiyo Yuden NR4012T100M (0.7A)
COUT
0.47
F
Murata GRM21BR71E474KC01L
0805
4.7
F
Murata GRM188R60J475KE19D
0603
10
F
Murata GRM219R60J106KE19B
0805
CIN
4.7
F
Murata GRM188R60J475KE19D
0603
FET
On Semiconductor NTHD4N02F
N-Channel FETKY
Table 159 Recommended External Components - DC-DC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com