Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 326 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 326 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 322Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 323Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 324Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 325Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 326Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 327Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 328Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 329Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 330Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 326 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
326
29.5 LDO REGULATOR EXTERNAL COMPONENTS
The recommended connections to the LDO Regulators are illustrated in Figure 92.
Figure 92 LDO Regulators External Components
When selecting suitable capacitors, is it imperative that the effective capacitance is within the
required limits at the applicable input/output voltage of the converter. Ceramic X7R or X5R types are
recommended.
Wolfson recommends the following external components for use with LDO Regulators 1, 2, 3 and 4.
Note that larger capacitors will improve load transient response and power supply rejection. A
maximum of 10μF is possible at the output; a maximum of 1μF is possible at the input.
COMPONENT
VALUE
PART NUMBER
SIZE
COUT
1
F
Murata GRM155R60J105KE19D
0402
CIN
0.1
F
Phycomp 06032R104K7B2
0603
Table 160 Recommended External Components - LDO1, LDO2, LDO3 and LDO4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com